Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTL-2017 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCTL-2017 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCTL-2017
Download  HCTL-2017 Download
File Size   174.14 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Quadrature Decoder/Counter Interface ICs

HCTL-2017 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCTL-2017 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCTL-2017
Download  HCTL-2017 Click to download

File Size   174.14 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Quadrature Decoder/Counter Interface ICs

HCTL-2017 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCTL-2017 Product details

Description

The HCTL-2021/2017 is CMOS ICs that performs the quadrature decoder, counter, and bus interface function. The HCTL-2021/2017 is designed to improve system performance in digital closed loop motion control systems and digital data input systems. It does this by shifting time intensive quadrature decoder functions to a cost effective hardware solution. The HCTL-2021/2017 consists of a quadrature decoder logic, a binary up/down state counter, and an 8-bit bus interface.



Features

• Interfaces Encoder to Microprocessor

• 33 MHz Clock Operation

• High Noise Immunity:

   Schmitt Trigger Inputs and Digital Noise Filter

• 16-Bit Binary Up/Down Counter

• Latched Outputs

• 8-Bit Tristate Interface

• 8 or 16-Bit Operating Modes

• Quadrature Decoder Output Signals, Up/Down and Count

• Cascade Output Signals, Up/Down and Count

• Substantially Reduced System Software

• 5V Operation (VDD – VSS)

• TTL/CMOS Compatible I/O

• Operating Temperature: -40°C to 85°C

• 16-pin and 20-Pin Launch Pad



Applications

• Interface Quadrature Incremental Encoders to Microprocessors

• Interface Digital Potentiometers to Digital Data Input Buses



 




Similar Part No. - HCTL-2017

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCTL-2017-A00 AVAGO-HCTL-2017-A00 Datasheet
220Kb / 16P
Quadrature Decoder/Counter Interface ICs
HCTL-2017-PLC AVAGO-HCTL-2017-PLC Datasheet
220Kb / 16P
Quadrature Decoder/Counter Interface ICs
More results


Similar Description - HCTL-2017

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCTL-2000 HP-HCTL-2000 Datasheet
319Kb / 18P
Quadrature Decoder/Counter Interface ICs
HCTL2000 HP-HCTL2000 Datasheet
335Kb / 19P
Quadrature Decoder/Counter Interface ICs
logo
LSI Computer Systems
LS7366R LSI-LS7366R Datasheet
91Kb / 13P
32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
logo
Agilent(Hewlett-Packard...
HCTL-2016 HP-HCTL-2016 Datasheet
217Kb / 2P
Surface Mount Quadrature Decoder/Counter Interface ICs
HCTL-2032 HP-HCTL-2032 Datasheet
291Kb / 20P
Quadrature Decoder/Counter Interface ICs
logo
AVAGO TECHNOLOGIES LIMI...
HCTL-2001 AVAGO-HCTL-2001 Datasheet
183Kb / 12P
Quadrature Decoder/Counter Interface ICs
HCTL-2001-A00 AVAGO-HCTL-2001-A00 Datasheet
220Kb / 16P
Quadrature Decoder/Counter Interface ICs
HCTL-2032 AVAGO-HCTL-2032 Datasheet
387Kb / 21P
Quadrature Decoder/ Counter Interface ICs
HCTL-2000 AVAGO-HCTL-2000_06 Datasheet
185Kb / 19P
Quadrature Decoder/Counter Interface ICs
logo
LSI Computer Systems
LS7366R LSI-LS7366R_14 Datasheet
716Kb / 17P
32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com