Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS5360PAS-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

PBSS5360PAS-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # PBSS5360PAS-Q
Download  PBSS5360PAS-Q Download
File Size   310.27 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 60 V, 3A PNP low VCEsat transistor

PBSS5360PAS-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSS5360PAS-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # PBSS5360PAS-Q
Download  PBSS5360PAS-Q Click to download

File Size   310.27 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 60 V, 3A PNP low VCEsat transistor

PBSS5360PAS-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


PBSS5360PAS-Q Product details

1. General description
PNP low VCEsat transistor, encapsulated in an ultra thin DFN2020D-3 (SOT1061D) leadless small
Surface-Mounted Device (SMD) plastic package with medium power capability and visible and
soldarable side pads.
NPN complement: PBSS4360PAS-Q

2. Features and benefits
• Low collector-emitter saturation voltage VCEsat
• High collector current capability IC and ICM
• High collector current gain (hFE) at high IC
• High efficiency due to less heat generation
• High temperature applications up to 175 °C
• Reduced Printed-Circuit Board (PCB) area requirements
• Leadless small SMD plastic package with soldarable side pads
• Exposed heat sink for excellent thermal and electrical conductivity
• Suitable for Automatic Optical Inspection (AOI) of solder joint
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• Loadswitch
• Battery-driven devices
• Power management
• Charging circuits
• Power switches (e.g. motors, fans)




Similar Part No. - PBSS5360PAS-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS5360PAS-Q NEXPERIA-PBSS5360PAS-Q Datasheet
309Kb / 15P
60 V, 3A PNP low VCEsat transistor
11 May 2022
More results


Similar Description - PBSS5360PAS-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5160DS NXP-PBSS5160DS Datasheet
141Kb / 14P
60 V, 1 A PNP/PNP low VCEsat (BISS) transistor
Rev. 03-9 October 2008
PBSS4041PX NXP-PBSS4041PX Datasheet
201Kb / 15P
60 V, 5 A PNP low VCEsat transistor
Rev. 01-1 April 2010
PBSS5160PAP NXP-PBSS5160PAP Datasheet
276Kb / 17P
60 V, 1 A PNP/PNP low VCEsat (BISS) transistor
23 January 2013
PBSS4041SPN NXP-PBSS4041SPN Datasheet
547Kb / 20P
60 V NPN/PNP low VCEsat (BISS) transistor
Rev. 2-20 October 2010
PBSS4041SPN PHILIPS-PBSS4041SPN_15 Datasheet
547Kb / 20P
60 V NPN/PNP low VCEsat (BISS) transistor
Rev. 2-20 October 2010
logo
Nexperia B.V. All right...
PBSS5360PAS NEXPERIA-PBSS5360PAS Datasheet
745Kb / 17P
60 V, 3A PNP low VCEsat (BISS) transistor
PBSS4041PZ-Q NEXPERIA-PBSS4041PZ-Q Datasheet
292Kb / 14P
60 V, 5.7 A PNP low VCEsat transistor
21 November 2022
PBSS5360PAS-Q NEXPERIA-PBSS5360PAS-Q Datasheet
309Kb / 15P
60 V, 3A PNP low VCEsat transistor
11 May 2022
PBSS5360Z-Q NEXPERIA-PBSS5360Z-Q Datasheet
260Kb / 11P
60 V, 3 A PNP low VCEsat transistor
24 May 2022
PBSS4041SPN NEXPERIA-PBSS4041SPN Datasheet
1Mb / 20P
60 V NPN/PNP low VCEsat (BISS) transistor
Rev. 2 - 20 October 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com