Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

511000396 Datasheet (PDF) - Belden Inc.

511000396 Datasheet PDF - Belden Inc.
Part # 511000396
Download  511000396 Download
File Size   349.44 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Mini Power Double-Ended Cordset: 1 3/8" male straight to 1 3/8" female straight, 3-pin(2PE), black body, 600 V, 42 A; TPE black cable, 10 AWG

511000396 Datasheet (PDF)

Go To PDF Page Download Datasheet
511000396 Datasheet PDF - Belden Inc.

Part # 511000396
Download  511000396 Click to download

File Size   349.44 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Mini Power Double-Ended Cordset: 1 3/8" male straight to 1 3/8" female straight, 3-pin(2PE), black body, 600 V, 42 A; TPE black cable, 10 AWG

511000396 Datasheet (HTML) - Belden Inc.


511000396 Product details

Product Description
Mini Power Double-Ended Cordset: 1 3/8" male straight to 1 3/8" female straight, 3-pin(2+PE), black body, 600 V, 42 A; TPE black cable, 10 AWG




Similar Part No. - 511000396

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
511000349 BELDEN-511000349 Datasheet
474Kb / 3P
Mini Power Single-Ended Cordset: 7/8", female, angled, 4-pin(3PE), black body, 600 V, 15 A; TPE black cable, 14 AWG
511000350 BELDEN-511000350 Datasheet
474Kb / 3P
Mini Power Single-Ended Cordset: 7/8", female, angled, 4-pin(3PE), black body, 600 V, 15 A; TPE black cable, 14 AWG
511000351 BELDEN-511000351 Datasheet
474Kb / 3P
Mini Power Single-Ended Cordset: 7/8", female, angled, 4-pin(3PE), black body, 600 V, 15 A; TPE black cable, 14 AWG
511000352 BELDEN-511000352 Datasheet
474Kb / 3P
Mini Power Single-Ended Cordset: 7/8", female, angled, 4-pin(3PE), black body, 600 V, 15 A; TPE black cable, 14 AWG
511000353 BELDEN-511000353 Datasheet
474Kb / 3P
Mini Power Single-Ended Cordset: 7/8", female, angled, 4-pin(3PE), black body, 600 V, 15 A; TPE black cable, 14 AWG
More results


Similar Description - 511000396

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300620032 MOLEX11-1300620032 Datasheet
30Kb / 2P
Mini-Change Double-Ended Cordset, 3 Poles, Male (Straight) to Female
1300620047 MOLEX11-1300620047 Datasheet
29Kb / 1P
Mini-Change Double-Ended Cordset, 3 Poles, Male (Straight) to Female (Straight),
1300100493 MOLEX-1300100493 Datasheet
40Kb / 2P
Mini-Change A-Size Double-Ended Cordset, 3 Poles, Male (Straight) to Female (Straight), 16 AWG, Yellow TPE Cable, 8.0m (26.25) Length
04/03/2023
1300100496 MOLEX-1300100496 Datasheet
43Kb / 2P
Mini-Change A-Size Double-Ended Cordset, 3 Poles, Male (Straight) to Female (Straight), 16 AWG, Yellow TPE Cable, 18.0m (59.05) Length
04/03/2023
1300100498 MOLEX-1300100498 Datasheet
45Kb / 2P
Mini-Change A-Size Double-Ended Cordset, 3 Poles, Male (Straight) to Female (Straight), 16 AWG, Yellow TPE Cable, 30.0m (98.40) Length
03/21/2023
logo
Belden Inc.
0905203301 BELDEN-0905203301 Datasheet
488Kb / 3P
DeviceNet Power Supply Cable, 7/8" Power Single-Ended Cordset: Female straight, 3-pin(2PE), black body, 63 V, 12 A; PUR black cable, 1.00 mm²
03-22-2023
logo
Molex Electronics Ltd.
1300100487 MOLEX-1300100487 Datasheet
38Kb / 2P
Mini-Change A-Size Double-Ended Cordset, 3 Poles, Male (Straight) to Female (Straight), 16 AWG, Yellow TPE Cable, 1.0m (3.28) Length
04/03/2023
1300100490 MOLEX-1300100490 Datasheet
42Kb / 2P
Mini-Change A-Size Double-Ended Cordset, 3 Poles, Male (Straight) to Female (Straight), 16 AWG, Yellow TPE Cable, 4.0m (13.12) Length
03/21/2023
1300100491 MOLEX-1300100491 Datasheet
42Kb / 2P
Mini-Change A-Size Double-Ended Cordset, 3 Poles, Male (Straight) to Female (Straight), 16 AWG, Yellow TPE Cable, 5.0m (16.40) Length
03/21/2023
1300100500 MOLEX-1300100500 Datasheet
42Kb / 2P
Mini-Change A-Size Double-Ended Cordset, 3 Poles, Male (Straight) to Female (Straight), 16 AWG, Yellow TPE Cable, 46.0m (150.88) Length
04/03/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com