Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMC-6420 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

AMMC-6420 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # AMMC-6420
Download  AMMC-6420 Download
File Size   555.58 Kbytes
Page   8 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 86 - 18 GHz Power Amplifier

AMMC-6420 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMC-6420 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6420
Download  AMMC-6420 Click to download

File Size   555.58 Kbytes
Page   8 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 86 - 18 GHz Power Amplifier

AMMC-6420 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


AMMC-6420 Product details

Description
AMMC-6420 MMIC is a broadband 1W power amplifier designed for use in frequency bands between 6 to 18GHz. It is a cost-effective alternative in commercial communications systems to a discrete FET hybrid. The MMIC has a partial input and output match to 50Ω but can be easily externally matched by single element for narrow band frequency coverage The MMIC is unconditionally stable over all frequencies and bias conditions. Gate voltage is set using the Vg pin to optimize for linear or saturated power amplification.

Features
•  Wide frequency range: 6 - 18 GHz
•  High gain: 20 dB
•  Power: @17 GHz, P-2dB=30.5 dBm
•  Highly linear: OIP3=38dBm
•  Integrated RF power detector
•  5.5 Volt, -0.6 Volt, 800mA operation

Applications
•  Microwave Radio systems
•  Satellite VSAT and DBS systems
•  LMDS & Pt-Pt mmW Long Haul
•  802.16 & 802.20 WiMax BWA
•  WLL and MMDS loops
•  Commercial grade military
•  Can be driven by AMMC-5618 (6-20 GHz) MMIC increasing luding overall gain.




Similar Part No. - AMMC-6420

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMC-6420 BOARDCOM-AMMC-6420 Datasheet
394Kb / 8P
6 - 18 GHz Power Amplifier
More results


Similar Description - AMMC-6420

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CMA-40-1808 TELEDYNE-CMA-40-1808 Datasheet
889Kb / 2P
Power Amplifier 18 GHz - 40 GHz
CPA-18-6027 TELEDYNE-CPA-18-6027 Datasheet
876Kb / 2P
Power Amplifier 6 GHz - 18 GHz
CPA-18-6038 TELEDYNE-CPA-18-6038 Datasheet
877Kb / 2P
Power Amplifier 6 GHz - 18 GHz
logo
Hittite Microwave Corpo...
HMC-AUH317 HITTITE-HMC-AUH317 Datasheet
203Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 81 - 86 GHz
HMC-AUH320 HITTITE-HMC-AUH320 Datasheet
207Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 71 - 86 GHz
HMC-APH634 HITTITE-HMC-APH634 Datasheet
187Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 81 - 86 GHz
HMC-APH634_1007 HITTITE-HMC-APH634_1007 Datasheet
628Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 81 - 86 GHz
HMC-AUH317 HITTITE-HMC-AUH317_11 Datasheet
472Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 81 - 86 GHz
logo
Integrated Device Techn...
EXE8602 IDT-EXE8602 Datasheet
189Kb / 2P
71 ??86 GHz Power Detector
EXP8603 IDT-EXP8603 Datasheet
538Kb / 2P
81 GHz ??86 GHz Medium Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com