Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMC-6231 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

AMMC-6231 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # AMMC-6231
Download  AMMC-6231 Download
File Size   953.21 Kbytes
Page   8 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 16-32 GHz Low Noise Amplifier

AMMC-6231 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMC-6231 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6231
Download  AMMC-6231 Click to download

File Size   953.21 Kbytes
Page   8 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 16-32 GHz Low Noise Amplifier

AMMC-6231 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


AMMC-6231 Product details

Description
Avago Technologies AMMC-6231 is a high gain, low-noise amplifier that operates from 16 GHz to 32 GHz. This LNA provides a wide-band solution for system design since it covers several bands, thus, reduces part inventory. The device has input / output match to 50 Ohm, is unconditionally stable and can be used as either primary or sub-sequential low noise gain stage.

Features
• Wide frequency range: 16 - 32 GHz
• High gain: 22 dB
• Low 50 Ω Noise Figure: 2.6 dB
• 50 Ω Input and Output Match
• Flat Gain Response
• Single 3V Supply Bias

Applications
• Microwave Radio systems
• Satellite VSAT, DBS Up/Down Link
• LMDS & Pt-Pt mmW Long Haul
• Broadband Wireless Access (including 802.16 and 802.20 WiMax)
• WLL and MMDS loops
• Commercial Grade Military




Similar Part No. - AMMC-6231

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMC-6231 HP-AMMC-6231 Datasheet
954Kb / 8P
16-32 GHz Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6231 BOARDCOM-AMMC-6231 Datasheet
1Mb / 8P
16??2 GHz Low Noise Amplifier
More results


Similar Description - AMMC-6231

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMC-6231 HP-AMMC-6231 Datasheet
954Kb / 8P
16-32 GHz Low Noise Amplifier
logo
TriQuint Semiconductor
QPA2628 TRIQUINT-QPA2628 Datasheet
1Mb / 14P
22 ??32 GHz GaAs Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD167P3 MMIC-CMD167P3 Datasheet
253Kb / 10P
8-16 GHz Low Noise Amplifier
CMD307 MMIC-CMD307 Datasheet
244Kb / 12P
8-16 GHz Low Noise Amplifier
CMD307P3 MMIC-CMD307P3 Datasheet
251Kb / 12P
8-16 GHz Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6231 BOARDCOM-AMMC-6231 Datasheet
1Mb / 8P
16??2 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD307P3 QORVO-CMD307P3 Datasheet
251Kb / 12P
8-16 GHz Low Noise Amplifier
CMD307 QORVO-CMD307 Datasheet
244Kb / 12P
8-16 GHz Low Noise Amplifier
CMD307P3 QORVO-CMD307P3_V01 Datasheet
344Kb / 13P
8-16 GHz Low Noise Amplifier
June 2, 2021
CMD307 QORVO-CMD307_V01 Datasheet
272Kb / 13P
8-16 GHz Low Noise Amplifier
August 19, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com