Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMC-6241 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

AMMC-6241 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # AMMC-6241
Download  AMMC-6241 Download
File Size   325.77 Kbytes
Page   8 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 26-43 GHz Low Noise Amplifier

AMMC-6241 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMC-6241 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6241
Download  AMMC-6241 Click to download

File Size   325.77 Kbytes
Page   8 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 26-43 GHz Low Noise Amplifier

AMMC-6241 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


AMMC-6241 Product details

Description
Avago Technologies AMMC-6241 is a high gain, low-noise amplifier that operates from 26 GHz to 43 GHz. This LNA provides a wide-band solution for system design since it covers several bands, thus, reduces part inventory. The device has input / output match to 50 Ohm, is unconditionally stable and can be used as either primary or sub-sequential low noise gain stage. By eliminating the complex tuning and assembly processes typically required by hybrid (discrete-FET) amplifiers, the AMMC- 6241 is a cost-effective alternative in the 26 - 43 GHz communications receivers.

Features
• Wide frequency range: 26 - 43 GHz
• High gain: 20 dB
• Low 50 Ω Noise Figure: 2.7 dB
• 50 Ω Input and Output Match
• Flat Gain Response
• Single 3V Supply Bias

Applications
• Microwave Radio systems
• Satellite VSAT, DBS Up/Down Link
• LMDS & Pt-Pt mmW Long Haul
• Broadband Wireless Access (including 802.16 and 802.20 WiMax)
• WLL and MMDS loops




Similar Part No. - AMMC-6241

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMC-6241 HP-AMMC-6241 Datasheet
944Kb / 8P
26-43 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6241 AVAGO-AMMC-6241 Datasheet
529Kb / 8P
26??3 GHz Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6241 BOARDCOM-AMMC-6241 Datasheet
529Kb / 8P
26??3 GHz Low Noise Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-6241-W10 HP-AMMC-6241-W10 Datasheet
944Kb / 8P
26-43 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6241-W10 AVAGO-AMMC-6241-W10 Datasheet
529Kb / 8P
26??3 GHz Low Noise Amplifier
More results


Similar Description - AMMC-6241

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA038N1-99 ALPHA-AA038N1-99 Datasheet
321Kb / 4P
26-41 GHz Low Noise Amplifier
AA038N1-A2 ALPHA-AA038N1-A2 Datasheet
548Kb / 4P
26-40 GHz Surface Mount Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC517LC4 HITTITE-HMC517LC4 Datasheet
314Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
logo
Agilent(Hewlett-Packard...
AMMC-6241 HP-AMMC-6241 Datasheet
944Kb / 8P
26-43 GHz Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC517LC4 HITTITE-HMC517LC4_09 Datasheet
228Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6241 AVAGO-AMMC-6241_08 Datasheet
529Kb / 8P
26??3 GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD162 MMIC-CMD162 Datasheet
214Kb / 9P
26-34 GHz Low Noise Amplifier
CMD188 MMIC-CMD188 Datasheet
222Kb / 10P
26-34 GHz Low Noise Amplifier
CMD290 MMIC-CMD290 Datasheet
342Kb / 14P
2-26 GHz GaN Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6241 BOARDCOM-AMMC-6241 Datasheet
529Kb / 8P
26??3 GHz Low Noise Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com