Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWH-332-SS Datasheet (PDF) - Eravant

SWH-332-SS Datasheet PDF - Eravant
Part # SWH-332-SS
Download  SWH-332-SS Download
File Size   275.14 Kbytes
Page   2 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description Standard Waveguide Screw, 3/32-inch Hex Head, 0.40” Long

SWH-332-SS Datasheet (PDF)

Go To PDF Page Download Datasheet
SWH-332-SS Datasheet PDF - Eravant

Part # SWH-332-SS
Download  SWH-332-SS Click to download

File Size   275.14 Kbytes
Page   2 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description Standard Waveguide Screw, 3/32-inch Hex Head, 0.40” Long

SWH-332-SS Datasheet (HTML) - Eravant


SWH-332-SS Product details

FEATURES
4-40 with 3/32-inch Hex
Waveguide Flange Screw
0.40” Length
APPLICATIONS
Lab Use
Sub-assemblies
Flange Connections




Similar Part No. - SWH-332-SS

ManufacturerPart #DatasheetDescription
logo
Eravant
SWH-564-SS ERAVANT-SWH-564-SS Datasheet
274Kb / 2P
Standard Waveguide Screw, 5/64 inch Hex Head, 0.40” Long
Rev 1.3
logo
SOVICO corp.
SWH-900 SOVICO-SWH-900 Datasheet
148Kb / 1P
Wireless Hand Type Microphone
logo
Systemsensor advanced i...
SWH-ALERT SYSTEMSENSOR-SWH-ALERT Datasheet
196Kb / 2P
Field Selectable Amber Lens Strobe
logo
Eravant
SWH-QC-0750C-R2 ERAVANT-SWH-QC-0750C-R2 Datasheet
301Kb / 2P
Waveguide Quick Connect, 0.75” Circular Flange
Rev 1.1
SWH-QC-0750C-RS-B ERAVANT-SWH-QC-0750C-RS-B Datasheet
309Kb / 3P
Waveguide Stand, 0.75” Circular Flange
Rev 1.1
More results


Similar Description - SWH-332-SS

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSS-4180A9 CHINASEMI-CSS-4180A9 Datasheet
189Kb / 6P
0.40 Inch Single Digit Display
CSS-4180T9 CHINASEMI-CSS-4180T9 Datasheet
192Kb / 6P
0.40 Inch Single Digit Display
logo
Pomona Electronics
3265 POMONA-3265 Datasheet
38Kb / 1P
Standard Banana Plug with #6-32 or #8-32 Screw
logo
Adam Technologies, Inc.
HDW-086 ADAM-TECH-HDW-086 Datasheet
56Kb / 1P
SCREW HEAD PIN
logo
Pasternack Enterprises,...
PE1004-1-100PK PASTERNACK-PE1004-1-100PK Datasheet
347Kb / 2P
3-56 Stainless Steel Screw 0.25 Inch Long Phillips in 100 Each Packages
PE1004-2-100PK PASTERNACK-PE1004-2-100PK Datasheet
347Kb / 2P
3-56 Stainless Steel Screw 0.375 Inch Long Phillips in 100 Each Packages
logo
Keystone Electronics Co...
9333 KEYSTONE-9333 Datasheet
255Kb / 1P
6-32 PAN HEAD SCREW
9406 KEYSTONE-9406 Datasheet
248Kb / 1P
6-32 BINDING HEAD SCREW
9416 KEYSTONE-9416 Datasheet
238Kb / 1P
8-32 BINDING HEAD SCREW
9516 KEYSTONE-9516 Datasheet
183Kb / 1P
8-32 FLAT HEAD SCREW
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com