Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMC-5618 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

AMMC-5618 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # AMMC-5618
Download  AMMC-5618 Download
File Size   280.69 Kbytes
Page   8 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 6 - 20 GHz Amplifier

AMMC-5618 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMC-5618 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-5618
Download  AMMC-5618 Click to download

File Size   280.69 Kbytes
Page   8 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 6 - 20 GHz Amplifier

AMMC-5618 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


AMMC-5618 Product details

Description

Agilent’s AMMC- 5618 6−20 GHz MMIC is an efficient two- stage amplifier designed to be used as

a cascadable intermediate gain block for EW applications. In communication systems, it can be used as a LO buffer, or as a transmit driver amplifier. It is fabricated using a PHEMT integrated circuit structure that provides exceptional efficiency and flat gain performance. During typical operation with a single 5- V supply, each gain stage is biased for Class- A operation for optimal power output with minimal distortion. The RF input and output have matching circuitry for use in

50-Ωenvironments. The backside of the chip is both RF and DC ground. This helps simplify the assembly process and reduces assembly related performance variations and costs. The MMIC is a cost effective alternative to hybrid (discrete FET) amplifiers that require complex tuning and

assembly processes.



Features

• Frequency Range: 6 −20 GHz

• High Gain: 14.5 dB Typical

• Output Power: 19.5 dBm Typical

• Input and Output Return Loss: < -12 dB

• Flat Gain Response: ±0.3 dB Typical

• Single Supply Bias: 5 V @ 107 mA



Applications

• Driver/Buffer in microwave communication systems

• Cascadable gain stage for EW systems

• Phased array radar and transmit amplifiers




Similar Part No. - AMMC-5618

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMC-5618 HP-AMMC-5618 Datasheet
146Kb / 8P
6 - 20 GHz Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5618 AVAGO-AMMC-5618 Datasheet
423Kb / 8P
6 - 20 GHz Amplifier
logo
Broadcom Corporation.
AMMC-5618 BOARDCOM-AMMC-5618 Datasheet
423Kb / 8P
6 - 20 GHz Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-5618-W10 HP-AMMC-5618-W10 Datasheet
146Kb / 8P
6 - 20 GHz Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5618-W10 AVAGO-AMMC-5618-W10 Datasheet
423Kb / 8P
6 - 20 GHz Amplifier
More results


Similar Description - AMMC-5618

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-5618 HP-HMMC-5618 Datasheet
82Kb / 6P
6-20 GHz Amplifier
HMMC-5620 HP-HMMC-5620 Datasheet
130Kb / 6P
6-20 GHz High-Gain Amplifier
AMMP-6220 HP-AMMP-6220 Datasheet
406Kb / 10P
6-20 GHz Low Noise Amplifier
AMMC-5618 HP-AMMC-5618 Datasheet
146Kb / 8P
6 - 20 GHz Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6220 AVAGO-AMMP-6220 Datasheet
430Kb / 10P
6-20 GHz Low Noise Amplifier
AMMP-5618 AVAGO-AMMP-5618 Datasheet
234Kb / 9P
6-20 GHz General Purpose Amplifier
AMMC-5618 AVAGO-AMMC-5618_13 Datasheet
423Kb / 8P
6 - 20 GHz Amplifier
logo
Broadcom Corporation.
AMMC-5618 BOARDCOM-AMMC-5618 Datasheet
423Kb / 8P
6 - 20 GHz Amplifier
AMMC-5620 BOARDCOM-AMMC-5620 Datasheet
599Kb / 8P
6 - 20 GHz High Gain Amplifier
logo
Qorvo, Inc
CMD316C3 QORVO-CMD316C3 Datasheet
407Kb / 13P
6-20 GHz Low Noise Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com