Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCMS-235X Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCMS-235X Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCMS-235X
Download  HCMS-235X Download
File Size   141.56 Kbytes
Page   6 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description CMOS Extended Temperature Range 5 x 7 Alphanumeric Display

HCMS-235X Datasheet (PDF)

Go To PDF Page Download Datasheet
HCMS-235X Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCMS-235X
Download  HCMS-235X Click to download

File Size   141.56 Kbytes
Page   6 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description CMOS Extended Temperature Range 5 x 7 Alphanumeric Display

HCMS-235X Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCMS-235X Product details

Description
This sunlight viewable 5 x 7 LED four-character display is contained in 12 pin dual-in-line packages designed for displaying alphanumeric information. The display is designed with on-board CMOS integrated circuits. Two CMOS ICs form an on-board 28-bit serial-in/parallel-out shift register with constant current output LED row drivers. Decoded column data is clocked into the on-board shift register for each refresh cycle. Full character display is achieved with external column strobing.

Features
• On-Board low power CMOS IC Integrated shift register with constant current LED drivers • Wide operating temperature range -55°C to +100°C
• Compact glass ceramic 4 character package Series X-Y stackable
• Sunlight viewable
• 5 x 7 LED matrix displays full ASCII set
• Character height of 5.0 mm (0.20 inch)
• Wide viewing angle X Axis = ±50° Y Axis = ±65°
• Usable in night vision lighting applications

Typical Applications
• Avionics
• Communication systems
• Fire control systems
• Radar systems




Similar Part No. - HCMS-235X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-235X HP-HCMS-235X Datasheet
83Kb / 6P
CMOS Extended Temperature Range 5 x 7 Alphanumeric Display
logo
Broadcom Corporation.
HCMS-235X BOARDCOM-HCMS-235X Datasheet
292Kb / 10P
CMOS Extended Temperature Range 5 횞 7 Alphanumeric Display
More results


Similar Description - HCMS-235X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4N58 ETC-4N58 Datasheet
149Kb / 4P
5 x 7 Alphanumeric Display With Logic
logo
Agilent(Hewlett-Packard...
HCMS-29XX HP-HCMS-29XX Datasheet
138Kb / 16P
High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-235 HP-HCMS-235 Datasheet
83Kb / 6P
CMOS Extended Temperature Range 5 x 7 Alphanumeric Display
HCMS-29X5 HP-HCMS-29X5 Datasheet
287Kb / 16P
High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-29XX AVAGO-HCMS-29XX Datasheet
201Kb / 16P
High Performance CMOS 5 x 7 Alphanumeric Displays
logo
OSRAM GmbH
PD2435 OSRAM-PD2435 Datasheet
212Kb / 11P
4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions
logo
Agilent(Hewlett-Packard...
HCMS-29XX HP-HCMS-29XX_01 Datasheet
287Kb / 16P
High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2975 AVAGO-HCMS-2975_13 Datasheet
330Kb / 16P
High Performance CMOS 5 x 7 Alphanumeric Displays
logo
EUROQUARTZ limited
EM57T-KHZ EUROQUARTZ-EM57T-KHZ Datasheet
147Kb / 1P
CMOS 7 x 5 x 2.5mm SMD, kHz Range
logo
Broadcom Corporation.
HCMS-235X BOARDCOM-HCMS-235X Datasheet
292Kb / 10P
CMOS Extended Temperature Range 5 횞 7 Alphanumeric Display
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com