Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMC-5040 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

AMMC-5040 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # AMMC-5040
Download  AMMC-5040 Download
File Size   373.93 Kbytes
Page   10 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 20-45 GHz GaAs Amplifier

AMMC-5040 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMC-5040 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-5040
Download  AMMC-5040 Click to download

File Size   373.93 Kbytes
Page   10 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 20-45 GHz GaAs Amplifier

AMMC-5040 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


AMMC-5040 Product details

Description
The AMMC-5040 is a high gain broadband amplifier designed for both military applications and commercial communication systems. This four-stage amplifier has input and output matching circuitry for use in 50 ohm environments. It is fabricated using PHEMT integrated circuit structures that provide exceptional broadband performance. The backside of this chip is both RF and DC ground. This simplifies the assembly process and reduces assembly related performance variations and costs. For improved reliability and moisture protection, the die is passivated at the active areas. This MMIC is a cost effective alternative to hybrid (discrete-FET) amplifiers that require complex tuning and assembly process.

Features
• Frequency range: 20– 45 GHz
• High gain: 25 dB
• Gain flatness: ±1.5 dB
• Return loss:
    Input: 17 dB, Output: 11 dB
• Output power:
    P-1dB = 21 dBm at 38 GHz
    P-3dB = 22.5 dBm at 38 GHz

Applications
• Broadband gain block
• Broadband driver amplifier
• Point-to-point radio
• LMDS
• EW
• Instrumentation
• Frequency Multiplier (X2 and X3)




Similar Part No. - AMMC-5040

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMC-5040 BOARDCOM-AMMC-5040 Datasheet
1Mb / 13P
20-GHz to 45-GHz GaAs Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5040 AVAGO-AMMC-5040_15 Datasheet
197Kb / 10P
20??5 GHz GaAs Amplifier
More results


Similar Description - AMMC-5040

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSM0015 MACOM-MAAPSM0015 Datasheet
158Kb / 3P
DC-20 GHz GaAs MMIC Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-6345 HP-AMMC-6345 Datasheet
398Kb / 10P
20 - 45 GHz Driver Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6345 AVAGO-AMMC-6345 Datasheet
520Kb / 10P
20 - 45 GHz Driver Amplifier
logo
Hittite Microwave Corpo...
HMC-ALH376 HITTITE-HMC-ALH376 Datasheet
122Kb / 3P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 35 - 45 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5040 AVAGO-AMMC-5040_15 Datasheet
197Kb / 10P
20??5 GHz GaAs Amplifier
AMMC-6345 AVAGO-AMMC-6345_15 Datasheet
222Kb / 11P
20 ??45 GHz Driver Amplifier
logo
Broadcom Corporation.
AMMC-5040 BOARDCOM-AMMC-5040 Datasheet
1Mb / 13P
20-GHz to 45-GHz GaAs Amplifier
logo
Custom MMIC Design Serv...
CMD293 MMIC-CMD293 Datasheet
276Kb / 13P
20-45 GHz Driver Amplifier
logo
Broadcom Corporation.
AMMC-6345 BOARDCOM-AMMC-6345 Datasheet
222Kb / 11P
20 ??45 GHz Driver Amplifier
logo
Qorvo, Inc
CMD293 QORVO-CMD293 Datasheet
338Kb / 14P
20-45 GHz Driver Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com