Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-7002 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HSDL-7002 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HSDL-7002
Download  HSDL-7002 Download
File Size   314.08 Kbytes
Page   11 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 3/16 Encode/Decode Integrated Circuit in QFN Package

HSDL-7002 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSDL-7002 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-7002
Download  HSDL-7002 Click to download

File Size   314.08 Kbytes
Page   11 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 3/16 Encode/Decode Integrated Circuit in QFN Package

HSDL-7002 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HSDL-7002 Product details

Description
The HSDL-7002 modulates and demodulates electrical pulses from HSDL-3201 IrDA® transceiver module and other IrDA® compliant transceivers. The HSDL-7002 can be used with a microcontroller/microprocessor that has a serial communication interface (UART).

Features
• Fully Compliant to IrDA® Physical Layer Specification
   1.4 from 9.6 kbit/s to 115.2 kbit/s (SIR)
• Interfaces with IrDA® Compliant IR Transceiver
• Miniature Module Size with 16-pin Quad-Flat-No Lead (QFN) Package
   Height : 0.8 mm
   Length : 4.0 mm
   Depth : 4.0 mm
• Used in Conjunction with Standard 16550 UART
• Transmits/Receives either 1.63 µs or 3/16 Pulse Mode
• Internal or External Clock Mode
• Programmable Baud Rate
   2.7 – 5.5 V Operation
• Lead Free and Green Product

Applications
• Interfaces with IrDA® Transceiver in:
• Telecom Applications:
   Mobile Phones
   Modems
   Pagers
   Fax Machines
• Computer Applications:
   Notebook Computers
   Desktop PCs
   Dongles or other RS-232 adapters
   PDAs
   Printers
• Handheld Data Collection:
   Industrial
   Medical
• Transportation




Similar Part No. - HSDL-7002

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-7002 LITEON-HSDL-7002 Datasheet
328Kb / 11P
IrDA 3/16 Encode/Decode Integrated Circuit in QFN Package
logo
Broadcom Corporation.
HSDL-7002 BOARDCOM-HSDL-7002 Datasheet
596Kb / 12P
Agilent HSDL-7002 IrDA® 3/16 Encode/Decode Integrated Circuit in QFN Package
More results


Similar Description - HSDL-7002

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-7000 HP-HSDL-7000 Datasheet
104Kb / 5P
IR 3/16 Encode/Decode IC
HSDL-7001-2500 HP-HSDL-7001-2500 Datasheet
130Kb / 8P
IR 3/16 Encode/Decode IC
HSDL7001 HP-HSDL7001 Datasheet
128Kb / 8P
IR 3/16 Encode/Decode IC
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-7000 AVAGO-HSDL-7000 Datasheet
54Kb / 6P
IR 3/16 Encode/Decode IC
logo
Lite-On Technology Corp...
HSDL-7002 LITEON-HSDL-7002 Datasheet
328Kb / 11P
IrDA 3/16 Encode/Decode Integrated Circuit in QFN Package
logo
Texas Instruments
TPS62130 TI1-TPS62130 Datasheet
1Mb / 34P
3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62150 TI1-TPS62150 Datasheet
1Mb / 33P
3-17V 1A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130_13 Datasheet
1Mb / 36P
3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62085 TI1-TPS62085 Datasheet
903Kb / 19P
3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
TPS62085 TI1-TPS62085_14 Datasheet
904Kb / 20P
3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com