Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE200 Datasheet (PDF) - Rakon Limited

TE200 Datasheet PDF - Rakon Limited
Part # TE200
Download  TE200 Download
File Size   708.83 Kbytes
Page   5 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description Space Voltage Controlled Crystal Oscillator

TE200 Datasheet (PDF)

Go To PDF Page Download Datasheet
TE200 Datasheet PDF - Rakon Limited

Part # TE200
Download  TE200 Click to download

File Size   708.83 Kbytes
Page   5 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description Space Voltage Controlled Crystal Oscillator

TE200 Datasheet (HTML) - Rakon Limited


TE200 Product details

Product Description
This ITAR free Space Flat Pack VCXO is featured by excellent pulling range of +/- 70ppm, good ageing characteristics of +/- 1 ppm per year, low power consumption of 0.15W, compact package size (20x20x13mm), and weight of 20g. The main applications are space synthesizers and transponders. These Space Flat Pack VCXOs are manufactured in accordance with MIL-PRF-55310 (Class 1, type 2, level S).

Features
* Frequency Range : 10MHz to 40 MHz
* Supply Voltage : +5V or +12V
* Low Consumption : 30 mA max
* Frequency Stability vs. Operating Temperature : from +/- 10ppm to +/- 15ppm
* Ageing : +/— 5ppm over 15 years
* Output Wave Form : sine 50 Ohms
* Output Level : from 0 to 8 dBm
* Component selected as per ECSS-Q-ST-60C
* Materials selected as per ECSS-Q-70
* Manufacturing in accordance with:
o MIL-PRF-55310 (Class 1, type 2, level S)
o ECSS-Q-ST-70-08C and ECSS-Q-ST-70-38C

Applications
* GPSreceivers
* Converters
* Board calculators
* Synthesizers
* FGU




Similar Part No. - TE200

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
TE200 TRSYS-TE200 Datasheet
103Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
TEMEX
TE200 TEMEX-TE200 Datasheet
145Kb / 5P
For this product, full and detailed specifications can be delivered on request
logo
3M Electronics
TE200 3M-TE200 Datasheet
26Kb / 6P
Scotch-Weld Pipe Sealant PS77 Polyurethane Reactive Adhesives
logo
Topstek Inc.
TE200A TOPSTEK-TE200A Datasheet
105Kb / 2P
Topstek Current Transducers
logo
Greystone Energy System...
TE200A GREYSTONE-TE200A Datasheet
136Kb / 1P
MICRO ROOM TEMPERATURE SENSOR
More results


Similar Description - TE200

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVXO-918T CRYSTEKCRYSTAL-CVXO-918T Datasheet
113Kb / 1P
Voltage Controlled Crystal Oscillator
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
Voltage Controlled Crystal Oscillator
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
Voltage Controlled Crystal Oscillator
CVXO-016T CRYSTEKCRYSTAL-CVXO-016T_15 Datasheet
72Kb / 1P
Voltage Controlled Crystal Oscillator
logo
Silicon Laboratories
SI515 SILABS-SI515 Datasheet
1Mb / 22P
VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR
logo
TEMEX
RK407 TEMEX-RK407 Datasheet
334Kb / 2P
Space Oven Controlled Crystal Oscillator
RK408 TEMEX-RK408 Datasheet
348Kb / 2P
Space Oven Controlled Crystal Oscillator
RK409 TEMEX-RK409 Datasheet
589Kb / 7P
Space Oven Controlled Crystal Oscillator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com