Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12F675 Datasheet (PDF) - SYC Electronica

PIC12F675 Datasheet PDF - SYC Electronica
Part # PIC12F675
Download  PIC12F675 Download
File Size   2774.57 Kbytes
Page   128 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 8-Pin, Flash-Based 8-Bit CMOS Microcontrollers

PIC12F675 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC12F675 Datasheet PDF - SYC Electronica

Part # PIC12F675
Download  PIC12F675 Click to download

File Size   2774.57 Kbytes
Page   128 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 8-Pin, Flash-Based 8-Bit CMOS Microcontrollers

PIC12F675 Datasheet (HTML) - SYC Electronica


PIC12F675 Product details

Special Microcontroller Features:
• Internal and external oscillator options
- Precision Internal 4 MHz oscillator factory
calibrated to ±1%
- External Oscillator support for crystals and
resonators
- 5μs wake-up from SLEEP, 3.0V, typical
• Power saving SLEEP mode
• Wide operating voltage range - 2.0V to 5.5V
• Industrial and Extended temperature range
• Low power Power-on Reset (POR)
• Power-up Timer (PWRT) and Oscillator Start-up
Timer (OST)
• Brown-out Detect (BOD)
• Watchdog Timer (WDT) with independent
oscillator for reliable operation
• Multiplexed MCLR/Input-pin
• Interrupt-on-pin change
• Individual programmable weak pull-ups
• Programmable code protection
• High Endurance FLASH/EEPROM Cell
- 100,000 write FLASH endurance
- 1,000,000 write EEPROM endurance
- FLASH/Data EEPROM Retention: > 40 years

Low Power Features:
• Standby Current:
- 1 nA @ 2.0V, typical
• Operating Current:
- 8.5μA @ 32 kHz, 2.0V, typical
- 100μA @ 1 MHz, 2.0V, typical
• Watchdog Timer Current
- 300 nA @ 2.0V, typical
• Timer1 oscillator current:
- 4μA @ 32 kHz, 2.0V, typical

Peripheral Features:
• 6 I/O pins with individual direction control
• High current sink/source for direct LED drive
• Analog comparator module with:
- One analog comparator
- Programmable on-chip comparator voltage
reference (CVREF) module
- Programmable input multiplexing from device
inputs
- Comparator output is externally accessible
• Analog-to-Digital Converter module (PIC12F675):
- 10-bit resolution
- Programmable 4-channel input
- Voltage reference input
• Timer0: 8-bit timer/counter with 8-bit
programmable prescaler
• Enhanced Timer1:
- 16-bit timer/counter with prescaler
- External Gate Input mode
- Option to use OSC1 and OSC2 in LP mode
as Timer1 oscillator, if INTOSC mode
selected
• In-Circuit Serial ProgrammingTM (ICSPTM) via
two pins




Similar Part No. - PIC12F675

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F675 MICROCHIP-PIC12F675 Datasheet
1Mb / 136P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2010
PIC12F675 MICROCHIP-PIC12F675 Datasheet
1Mb / 136P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
PIC12F675 MICROCHIP-PIC12F675 Datasheet
1Mb / 136P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
logo
Skyworks Solutions Inc.
PIC12F675 SKYWORKS-PIC12F675 Datasheet
2Mb / 17P
1.5A Single Flash LED Driver IC
logo
Microchip Technology
PIC12F675 MICROCHIP-PIC12F675 Datasheet
782Kb / 78P
Debug Header Specification
2006-2012
More results


Similar Description - PIC12F675

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
16F630 MICROCHIP-16F630 Datasheet
2Mb / 132P
14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
2003
PIC16F610 MICROCHIP-PIC16F610 Datasheet
2Mb / 180P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2007
PIC12F609 MICROCHIP-PIC12F609 Datasheet
2Mb / 168P
8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
2006
PIC12F609 MICROCHIP-PIC12F609_10 Datasheet
1Mb / 212P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2010
PIC12F629 MICROCHIP-PIC12F629 Datasheet
1Mb / 136P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2010
PIC12F752 MICROCHIP-PIC12F752 Datasheet
1Mb / 204P
8-Pin Flash-Based 8-Bit CMOS Microcontrollers
2011
PIC12F752-I-SN MICROCHIP-PIC12F752-I-SN Datasheet
2Mb / 210P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
08/02/11
PIC12F675I-SN MICROCHIP-PIC12F675I-SN Datasheet
1Mb / 136P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
PIC16F676-I MICROCHIP-PIC16F676-I Datasheet
1Mb / 132P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
PIC12F675-E MICROCHIP-PIC12F675-E Datasheet
1Mb / 136P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com