Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK115 Datasheet (PDF) - Rakon Limited

RK115 Datasheet PDF - Rakon Limited
Part # RK115
Download  RK115 Download
File Size   411.25 Kbytes
Page   2 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description HIGH RELIABILITY XO | SPACE SOLUTIONS

RK115 Datasheet (PDF)

Go To PDF Page Download Datasheet
RK115 Datasheet PDF - Rakon Limited

Part # RK115
Download  RK115 Click to download

File Size   411.25 Kbytes
Page   2 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description HIGH RELIABILITY XO | SPACE SOLUTIONS

RK115 Datasheet (HTML) - Rakon Limited


RK115 Product details

Features
 ITAR-free
 Frequency Range: 2 MHz to 100 MHz
 AHCMOS or ACMOS output
 Low consumption: 25 mA
 Supply Voltage: +3.3 V
 Global frequency stability: ± 68 ppm over 18 years

Features
 ITAR-free
 Frequency Range: 2 MHz to 100 MHz
 AHCMOS or ACMOS output
 Low consumption: 25 mA
 Supply Voltage: +3.3 V
 Global frequency stability: ± 68 ppm over 18 years




Similar Part No. - RK115

ManufacturerPart #DatasheetDescription
logo
TEMEX
RK115 TEMEX-RK115 Datasheet
379Kb / 4P
For this product, a full detailed specification can also be delivered on request
More results


Similar Description - RK115

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2450BM15A0002E JOHANSON-2450BM15A0002E Datasheet
178Kb / 2P
High Frequency Ceramic Solutions
2450BL15B100E JOHANSON-2450BL15B100E Datasheet
148Kb / 2P
High Frequency Ceramic Solutions
2450DP39G5500 JOHANSON-2450DP39G5500 Datasheet
207Kb / 3P
High Frequency Ceramic Solutions
1905BP18A0050 JOHANSON-1905BP18A0050 Datasheet
107Kb / 2P
High Frequency Ceramic Solutions
logo
TEMEX
RK408MS1 TEMEX-RK408MS1 Datasheet
514Kb / 2P
HIGH RELIABILITY 10-8 STABILITY CLASS OCXO SPACE SOLUTIONS
RXO5032AD TEMEX-RXO5032AD Datasheet
327Kb / 4P
HIGH RELIABILITY XO AERONAUTICS AND DEFENSE SOLUTIONS
logo
Skyworks Solutions Inc.
SKYH22001 SKYWORKS-SKYH22001 Datasheet
142Kb / 2P
Hermetically Sealed Broadband Low-Noise Amplifier for High-Reliability Space and Military Applications
SKYH22002 SKYWORKS-SKYH22002 Datasheet
121Kb / 2P
Hermetically Sealed Cascadable Amplifier for High-Reliability Space and Military Applications
logo
Vishay Siliconix
DLA20001 VISHAY-DLA20001 Datasheet
88Kb / 4P
Wet Tantalum Capacitors, Space Level, Established Reliability, DLA Drawing 20001
15-Jun-2020
DLA06013 VISHAY-DLA06013 Datasheet
174Kb / 19P
Wet Tantalum Capacitors, Space Level, Established Reliability, DLA Land and Maritime Drawings 06013, 06014, 06015, 06016
10-Aug-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com