Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4638 Datasheet (PDF) - Analog Devices

LTM4638 Datasheet PDF - Analog Devices
Part # LTM4638
Download  LTM4638 Download
File Size   1126.12 Kbytes
Page   38 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20VIN, 20A Step-Down DC-to-DC μModule Regulator

LTM4638 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM4638 Datasheet PDF - Analog Devices

Part # LTM4638
Download  LTM4638 Click to download

File Size   1126.12 Kbytes
Page   38 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20VIN, 20A Step-Down DC-to-DC μModule Regulator

LTM4638 Datasheet (HTML) - Analog Devices


LTM4638 Product details

FEATURES
 Complete Solution in <1cm2 (Single-Sided PCB)
or 0.5cm2 (Dual-Sided PCB)
 Wide Input Voltage Range: 3.1V to 20V
 0.6V to 3.3V Output Voltage
 Up to 20A DC output current
 ±1.5% Maximum Total DC Output Voltage Error
 Differential Remote Sensing Amplifier
 Fast Transient Response
 External Frequency Synchronization
 Multiphase Parallel Current Sharing with up
to 4 × LTM4640s
 Power Good Indicator
 Overvoltage and Overtemperature Protection
 49-Pin, 6.25mm × 6.25mm × 5.07mm, BGA package
 Pin compatible with LTM4626, LTM4638, and
LTM4657
APPLICATIONS
 Telecom, Datacom, Networking, and
Industrial Equipment
 Medical Diagnostic Equipment
 Data Storage Rack Units and Cards
 Test and Debug Systems




Similar Part No. - LTM4638

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM4638 AD-LTM4638 Datasheet
1Mb / 28P
20VIN, 8A Step-Down DC/DC 關Module Regulator
03/21-REV.A
LTM4638 AD-LTM4638 Datasheet
1Mb / 24P
20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
LTM4638 AD-LTM4638 Datasheet
1Mb / 36P
Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
01/20-REV.B
LTM4638 AD-LTM4638 Datasheet
1Mb / 26P
Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
LTM4638 AD-LTM4638 Datasheet
2Mb / 30P
20VIN, 15A Step-Down DC/DC μModule Regulator
Rev. C
More results


Similar Description - LTM4638

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4637 LINER-LTM4637 Datasheet
585Kb / 28P
20A DC/DC 關Module Step-Down Regulator
LTM4625 LINER-LTM4625_15 Datasheet
455Kb / 24P
20VIN, 5A Step-Down DC/DC Module Regulator
LTM4623 LINER-LTM4623_15 Datasheet
375Kb / 26P
Ultrathin 20VIN, 3A Step-Down DC/DC Module Regulator
LTM4637 LINER-LTM4637_15 Datasheet
615Kb / 30P
20A DC/DC Module Step-Down Regulator
LTM4639 LINER-LTM4639_15 Datasheet
579Kb / 32P
Low VIN 20A DC/DC Module Step-Down Regulator
LTM4625 LINER-LTM4625 Datasheet
1Mb / 26P
20VIN, 5A Step-Down DC/DC 關Module Regulator
LTM4623 LINER-LTM4623 Datasheet
401Kb / 28P
Ultrathin 20VIN, 3A Step-Down DC/DC 關Module Regulator
logo
Analog Devices
LTM4657 AD-LTM4657 Datasheet
1Mb / 28P
20VIN, 8A Step-Down DC/DC 關Module Regulator
03/21-REV.A
LTM4705 AD-LTM4705 Datasheet
1Mb / 24P
20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
LTM4638 AD-LTM4638 Datasheet
2Mb / 30P
20VIN, 15A Step-Down DC/DC μModule Regulator
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com