Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSM84338 Datasheet (PDF) - Texas Instruments

TPSM84338 Datasheet PDF - Texas Instruments
Part # TPSM84338
Download  TPSM84338 Download
File Size   2829.66 Kbytes
Page   41 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPSM84338 3.8V to 28V, 3A, Synchronous Buck Power Module With User Selectable Mode

TPSM84338 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPSM84338 Datasheet PDF - Texas Instruments

Part # TPSM84338
Download  TPSM84338 Click to download

File Size   2829.66 Kbytes
Page   41 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPSM84338 3.8V to 28V, 3A, Synchronous Buck Power Module With User Selectable Mode

TPSM84338 Datasheet (HTML) - Texas Instruments


TPSM84338 Product details

1 Features
• Configured for a wide range of applications
– 3.8V to 28V input voltage range
– 0.6V to 17V output voltage range
– Up to 3A continuous output current
– 0.6V ±1% reference voltage (–40°C to 125°C)
– Low quiescent current of 28uA (typical)
– 70ns, 114ns minimum switching on, off-time
– 8us maximum switching on-time
– 98% maximum duty cycle
• Ease of use and small design size
– Peak current control mode with internal
compensation
– 200kHz to 2.2MHz selectable frequency
– Synchronizable to an external clock (support
phase shift): 200kHz to 2.2MHz
– Selectable PFM / FCCM at light load condition
– Selectable adjustable soft-start time / powergood
indicator function
– Good EMI performance with frequency spread
spectrum and optimized pinout
– Hiccup OC limit for both high-side and low-side
MOSFETs
– Non-latched protections for OTP, OCP, OVP,
UVP, and UVLO
– Integrated bootstrap capacitor and inductor to
support easy PCB layout
– Operating junction temperature of –40°C to
125°C
– 3.3mm × 4.5mm × 2mm QFN package
• Create a custom design with the TPSM84338
using the WEBENCH® Power Designer

2 Applications
• Medical and healthcare
• Test and measurement
• Building automation
• Wired networking, wireless infrastructure
• Distributed power systems with 5V, 12V, 19V, and
24V input

3 Description
The TPSM84338 is a high efficiency, high voltage
input, and easy-to-use synchronous buck power
module with high design flexibility. With the wide
operating input voltage range of 3.8V to 28V, the
TPSM84338 is designed for systems powered from
5V, 12V, 19V, 24V power-bus rails. The device
supports up to 3A continuous output current and 98%
maximum duty cycle.
TPSM84338 uses fixed frequency peak current
control with internal compensation for fast transient
response and good line and load regulation. With
the optimized internal loop compensation, the device
eliminates the need for external compensation over a
wide output voltage range and switching frequency.




Similar Part No. - TPSM84338

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM843320 TI-TPSM843320 Datasheet
1Mb / 39P
TPSM843320 4-V to 18-V Input, 3-A Synchronous SWIFT™ Step-Down Converter MicroSiP™ Power Module With Integrated Inductor and Internally Compensated Advanced Current Mode Control
OCTOBER 2023
TPSM843320 TI1-TPSM843320 Datasheet
1Mb / 41P
TPSM843320 4-V to 18-V Input, 3-A Synchronous SWIFT™ Step-Down Converter MicroSiP™ Power Module With Integrated Inductor and Internally Compensated Advanced Current Mode Control
REVISED DECEMBER 2023
TPSM843320E TI1-TPSM843320E Datasheet
1Mb / 40P
TPSM843320E 4V to 18V Input, 3A Synchronous SWIFT™ Step-Down Converter MicroSiP™ Power Module With Integrated Inductor and Internally Compensated Advanced Current Mode Control in Extended Temperature Range
JANUARY 2024
TPSM843320MSITR TI1-TPSM843320MSITR Datasheet
1Mb / 40P
TPSM843320E 4V to 18V Input, 3A Synchronous SWIFT™ Step-Down Converter MicroSiP™ Power Module With Integrated Inductor and Internally Compensated Advanced Current Mode Control in Extended Temperature Range
JANUARY 2024
TPSM843320SITR TI1-TPSM843320SITR Datasheet
1Mb / 41P
TPSM843320 4-V to 18-V Input, 3-A Synchronous SWIFT™ Step-Down Converter MicroSiP™ Power Module With Integrated Inductor and Internally Compensated Advanced Current Mode Control
REVISED DECEMBER 2023
More results


Similar Description - TPSM84338

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC3284S E-CMOS-EC3284S Datasheet
1,005Kb / 9P
3A 28V Synchronous Buck Converter
logo
Renesas Technology Corp
ISL85012 RENESAS-ISL85012 Datasheet
973Kb / 19P
12A, 3.8V to 18V Input, Synchronous Buck Regulator
logo
Intersil Corporation
ISL85009 INTERSIL-ISL85009 Datasheet
686Kb / 20P
9A, 3.8V to 18V Input, Synchronous Buck Regulator
February 13, 2017
ISL85014 INTERSIL-ISL85014 Datasheet
694Kb / 21P
14A, 3.8V to 18V Input, Synchronous Buck Regulator
February 14, 2017
logo
Diodes Incorporated
AP63300 DIODES-AP63300 Datasheet
1Mb / 22P
3.8V TO 32V INPUT, 3A LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
August 2019
AP64202 DIODES-AP64202 Datasheet
1Mb / 21P
3.8V TO 40V INPUT, 2A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 1 - 2 March 2021
AP66300 DIODES-AP66300 Datasheet
2Mb / 25P
3.8V TO 60V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 August 2022
AP66300Q DIODES-AP66300Q Datasheet
2Mb / 25P
3.8V TO 60V INPUT AUTOMOTIVE GRADE, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 December 2022
logo
Renesas Technology Corp
ISL85009 RENESAS-ISL85009 Datasheet
1Mb / 21P
9A, 3.8V to 18V Input, Synchronous Buck Regulator
Nov 11, 2021
ISL85014 RENESAS-ISL85014 Datasheet
1Mb / 22P
14A, 3.8V to 18V Input, Synchronous Buck Regulator
Nov 11, 2021
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com