Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF1108 Datasheet (PDF) - Texas Instruments

TRF1108 Datasheet PDF - Texas Instruments
Part # TRF1108
Download  TRF1108 Download
File Size   1638.16 Kbytes
Page   32 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TRF1108 Near-DC to 8GHz, Differential to Single-Ended RF Amplifier

TRF1108 Datasheet (PDF)

Go To PDF Page Download Datasheet
TRF1108 Datasheet PDF - Texas Instruments

Part # TRF1108
Download  TRF1108 Click to download

File Size   1638.16 Kbytes
Page   32 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TRF1108 Near-DC to 8GHz, Differential to Single-Ended RF Amplifier

TRF1108 Datasheet (HTML) - Texas Instruments


TRF1108 Product details

1 Features
• Differential-to-single-ended (D2S) RF amplifier
• Near-DC to 8GHz
• Gain: 15.5dB at 2GHz
• OP1dB:
– 2GHz: 12dBm
– 6GHz: 10dBm
• OIP3:
– 2GHz: 28dBm
– 6GHz: 28.5dBm
• Noise figure (NF) and input noise spectral density:
– 2GHz: 11dB and –163dBm/Hz
– 6GHz: 11.5dB and –162.5dBm/Hz
• HD2 and HD3:
– HD2 (1GHz): –60dBc at 2dBm
– HD3 (1GHz): –58dBc at 2dBm
• Additive (residual) phase noise:
– 1GHz: –154.6dBc/Hz at 10kHz offset
• Gain and phase imbalance: ±0.6dB and ±2º
• Differential input matched to 100Ω
• Single-ended output matched to 50Ω
• Power-down feature
• 5V supply
• Active current: 170mA

2 Applications
• Directly interfaces with RF DACs
• Aerospace and defense
• Phased array radar
• Military radios
• 4G and 5G wireless BTS
• Test and measurement
• Active probe

3 Description
The TRF1108 is a very high-performance, differentialto-
single-ended (D2S) amplifier optimized for radiofrequency
(RF) applications. The device is an
excellent choice for applications that require a D2S
conversion at the output of digital-to-analog converter
(DAC) such as the high-performance DAC39RF10
or AFE7950. The on-chip matching components
simplify printed-circuit-board (PCB) implementation
and provide the highest performance over the usable
bandwidth. The device is fabricated using Texas
Instruments’ advanced complementary BiCMOS
process and is available in a space-saving, WQFNFCRLF
2mm × 2mm package.
The primary use-case of the TRF1108 is in accoupled
applications, where the device operates using
a single, 5V supply with an internally set commonmode
voltage that simplifies biasing. With the help of
an application circuit to set the input common-mode
voltage, and by using dual supplies, the amplifier can
be dc-coupled. A power-down feature is also available
for power savings.




Similar Part No. - TRF1108

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1108 TI1-TRF1108 Datasheet
1Mb / 18P
TRF1108 DC to 12GHz Bandwidth, Differential to Single-Ended RF Amplifier
JULY 2024
TRF1108 TI2-TRF1108 Datasheet
1Mb / 31P
TRF1108 Near-DC to 8GHz, Differential to Single-Ended RF Amplifier
REVISED NOVEMBER 2024
TRF1108RPVR TI2-TRF1108RPVR Datasheet
1Mb / 31P
TRF1108 Near-DC to 8GHz, Differential to Single-Ended RF Amplifier
REVISED NOVEMBER 2024
TRF1108RPVR.B TI2-TRF1108RPVR.B Datasheet
1Mb / 31P
TRF1108 Near-DC to 8GHz, Differential to Single-Ended RF Amplifier
REVISED NOVEMBER 2024
TRF1108RPVRG4 TI2-TRF1108RPVRG4 Datasheet
1Mb / 31P
TRF1108 Near-DC to 8GHz, Differential to Single-Ended RF Amplifier
REVISED NOVEMBER 2024
More results


Similar Description - TRF1108

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NBB-402 RFMD-NBB-402 Datasheet
213Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-400 RFMD-NBB-400 Datasheet
186Kb / 10P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-400 RFMD-NBB-400_07 Datasheet
279Kb / 12P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-402 RFMD-NBB-402_06 Datasheet
188Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-402 RFMD-NBB-402_13 Datasheet
604Kb / 8P
Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
logo
Texas Instruments
THS3217 TI1-THS3217 Datasheet
2Mb / 73P
THS3217 DC to 800-MHz, Differential-to-Single-Ended, DAC Output Amplifier
logo
Mini-Circuits
K1-GAT MINI-K1-GAT Datasheet
309Kb / 1P
DC to 8GHz
K2-GAT MINI-K2-GAT Datasheet
291Kb / 1P
DC to 8GHz
logo
Texas Instruments
LMH9226 TI1-LMH9226 Datasheet
1Mb / 22P
LMH9226 Single-Ended to Differential 2.3-GHz to 2.9-GHz RF Amplifier With Balun
logo
Qorvo, Inc
NBB_402 QORVO-NBB_402 Datasheet
604Kb / 8P
Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com