Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULN2002AN Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
ULN2002AN Datasheet PDF - Texas Instruments
Part # ULN2002AN
Download  ULN2002AN Download
File Size   1869.83 Kbytes
Page   42 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ULN200x, ULQ200x High-Voltage, High-Current Darlington Transistor Arrays

ULN2002AN Datasheet (PDF)

Go To PDF Page Download Datasheet
ULN2002AN Datasheet PDF - Texas Instruments

Part # ULN2002AN
Download  ULN2002AN Click to download

File Size   1869.83 Kbytes
Page   42 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ULN200x, ULQ200x High-Voltage, High-Current Darlington Transistor Arrays

ULN2002AN Datasheet (HTML) - Texas Instruments


ULN2002AN Product details

1 Features
• 500mA-rated collector current (single output)
• High-voltage outputs: 50V
• Output clamp diodes
• Inputs compatible with various types of logic
• Relay-driver applications

2 Applications
• Relay Drivers
• Stepper and DC Brushed Motor Drivers
• Lamp Drivers
• Display Drivers (LED and Gas Discharge)
• Line Drivers
• Logic Buffers

3 Description
The ULx200xA devices are high-voltage, high-current
Darlington transistor arrays. Each consists of seven
NPN Darlington pairs that feature high-voltage outputs
with common-cathode clamp diodes for switching
inductive loads.
The collector-current rating of a single Darlington pair
is 500mA. The Darlington pairs can be paralleled
for higher current capability. Applications include
relay drivers, hammer drivers, lamp drivers, display
drivers (LED and gas discharge), line drivers, and
logic buffers. For 100V (otherwise interchangeable)
versions of the ULx2003A devices, see the SLRS023
data sheet for the SN75468 and SN75469 devices.
The ULN2002A device is designed specifically for use
with 14V to 25V PMOS devices. Each input of this
device has a Zener diode and resistor in series to
control the input current to a safe limit. The ULx2003A
devices have a 2.7kΩ series base resistor for each
Darlington pair for operation directly with TTL or 5V
CMOS devices.
The ULx2004A devices have a 10.5kΩ series base
resistor to allow operation directly from CMOS
devices that use supply voltages of 6V to 15V. The
required input current of the ULx2004A device is
below that of the ULx2003A devices, and the required
voltage is less than that required by the ULN2002A
device.




Similar Part No. - ULN2002AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ULN2002AN TI-ULN2002AN Datasheet
513Kb / 19P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2002AN TI-ULN2002AN Datasheet
657Kb / 22P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2002AN TI-ULN2002AN Datasheet
859Kb / 26P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
ULN2002AN TI1-ULN2002AN Datasheet
1Mb / 28P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
ULN2002AN TI1-ULN2002AN Datasheet
1Mb / 34P
High-Voltage, High-Current Darlington Transistor Arrays
More results


Similar Description - ULN2002AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1413 ONSEMI-MC1413 Datasheet
75Kb / 6P
High Voltage, High Current Darlington Transistor Arrays
April, 2004 ??Rev. 6
MC1413 ONSEMI-MC1413_06 Datasheet
76Kb / 8P
High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A Datasheet
293Kb / 8P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
ULN2003A ONSEMI-ULN2003A Datasheet
82Kb / 5P
High Voltage, High Current Darlington Transistor Arrays
November, 2007 - Rev. 0
logo
Texas Instruments
ULN2003AN TI1-ULN2003AN Datasheet
1Mb / 28P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A_13 Datasheet
541Kb / 8P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Texas Instruments
SN75424N TI-SN75424N Datasheet
112Kb / 7P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
ULN2002A TI1-ULN2002A_16 Datasheet
1Mb / 34P
High-Voltage, High-Current Darlington Transistor Arrays
ULQ2003A-Q1 TI1-ULQ2003A-Q1_15 Datasheet
984Kb / 25P
High-Voltage High-Current Darlington Transistor Arrays
logo
Tiger Electronic Co.,Lt...
ULN2004 TGS-ULN2004_17 Datasheet
5Mb / 8P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com