Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F87XA Datasheet (PDF) - SYC Electronica

PIC16F87XA Datasheet PDF - SYC Electronica
Part # PIC16F87XA
Download  PIC16F87XA Download
File Size   4723.95 Kbytes
Page   234 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 28/40/44-Pin Enhanced Flash Microcontrollers

PIC16F87XA Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16F87XA Datasheet PDF - SYC Electronica

Part # PIC16F87XA
Download  PIC16F87XA Click to download

File Size   4723.95 Kbytes
Page   234 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 28/40/44-Pin Enhanced Flash Microcontrollers

PIC16F87XA Datasheet (HTML) - SYC Electronica


PIC16F87XA Product details

Peripheral Features:
• Timer0: 8-bit timer/counter with 8-bit prescaler
• Timer1: 16-bit timer/counter with prescaler,
can be incremented during Sleep via external
crystal/clock
• Timer2: 8-bit timer/counter with 8-bit period
register, prescaler and postscaler
• Two Capture, Compare, PWM modules
- Capture is 16-bit, max. resolution is 12.5 ns
- Compare is 16-bit, max. resolution is 200 ns
- PWM max. resolution is 10-bit
• Synchronous Serial Port (SSP) with SPI™
(Master mode) and I2C™ (Master/Slave)
• Universal Synchronous Asynchronous Receiver
Transmitter (USART/SCI) with 9-bit address
detection
• Parallel Slave Port (PSP) – 8 bits wide with
external RD, WR and CS controls (40/44-pin only)
• Brown-out detection circuitry for
Brown-out Reset (BOR)

Analog Features:
• 10-bit, up to 8-channel Analog-to-Digital
Converter (A/D)
• Brown-out Reset (BOR)
• Analog Comparator module with:
- Two analog comparators
- Programmable on-chip voltage reference
(VREF) module
- Programmable input multiplexing from device
inputs and internal voltage reference
- Comparator outputs are externally accessible
Special Microcontroller Features:
• 100,000 erase/write cycle Enhanced Flash
program memory typical
• 1,000,000 erase/write cycle Data EEPROM
memory typical
• Data EEPROM Retention > 40 years
• Self-reprogrammable under software control
• In-Circuit Serial Programming™ (ICSP™)
via two pins
• Single-supply 5V In-Circuit Serial Programming
• Watchdog Timer (WDT) with its own on-chip RC
oscillator for reliable operation
• Programmable code protection
• Power saving Sleep mode
• Selectable oscillator options
• In-Circuit Debug (ICD) via two pins
CMOS Technology:
• Low-power, high-speed Flash/EEPROM
technology
• Fully static design
• Wide operating voltage range (2.0V to 5.5V)
• Commercial and Industrial temperature ranges
• Low-power consumption




Similar Part No. - PIC16F87XA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F87XA MICROCHIP-PIC16F87XA Datasheet
4Mb / 234P
28/40/44-Pin Enhanced Flash Microcontrollers
2003
PIC16F87XA MICROCHIP-PIC16F87XA Datasheet
2Mb / 234P
28/40/44-Pin Enhanced Flash Microcontrollers
07/28/03
PIC16F87XA MICROCHIP-PIC16F87XA Datasheet
2Mb / 234P
28/40/44-Pin Enhanced Flash Microcontrollers
07/28/03
PIC16F87XA MICROCHIP-PIC16F87XA Datasheet
2Mb / 234P
28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
PIC16F87XA MICROCHIP-PIC16F87XA Datasheet
2Mb / 234P
28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12 2001-2013
More results


Similar Description - PIC16F87XA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F87XA MICROCHIP-PIC16F87XA Datasheet
4Mb / 234P
28/40/44-Pin Enhanced Flash Microcontrollers
2003
PIC16F873A-ISP MICROCHIP-PIC16F873A-ISP Datasheet
2Mb / 234P
28/40/44-Pin Enhanced Flash Microcontrollers
2001-2013
PIC16F87XA MICROCHIP-PIC16F87XA_13 Datasheet
2Mb / 234P
28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12 2001-2013
PIC16F876A-ISP MICROCHIP-PIC16F876A-ISP Datasheet
2Mb / 234P
28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
PIC16F877A-IL MICROCHIP-PIC16F877A-IL Datasheet
2Mb / 234P
28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
PIC16F877A-I-PT MICROCHIP-PIC16F877A-I-PT Datasheet
4Mb / 234P
28/40/44-Pin Enhanced Flash Microcontrollers
07/28/03
PIC16F877AT-I-PTG MICROCHIP-PIC16F877AT-I-PTG Datasheet
2Mb / 234P
28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
PIC16LF876A-I MICROCHIP-PIC16LF876A-I Datasheet
2Mb / 234P
28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
PIC16LF877A-I MICROCHIP-PIC16LF877A-I Datasheet
2Mb / 234P
28/40/44-Pin Enhanced Flash Microcontrollers
07/28/03
PIC16F876AT-I-SO MICROCHIP-PIC16F876AT-I-SO Datasheet
2Mb / 234P
28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com