Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR13N20DPBF Datasheet (PDF) - International Rectifier

IRFR13N20DPBF Datasheet PDF - International Rectifier
Part # IRFR13N20DPBF
Download  IRFR13N20DPBF Download
File Size   688.93 Kbytes
Page   11 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SMPS MOSFET ( VDSS=200V , RDS(on)max=0.235廓 , ID=13A )

IRFR13N20DPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFR13N20DPBF Datasheet PDF - International Rectifier

Part # IRFR13N20DPBF
Download  IRFR13N20DPBF Click to download

File Size   688.93 Kbytes
Page   11 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SMPS MOSFET ( VDSS=200V , RDS(on)max=0.235廓 , ID=13A )

IRFR13N20DPBF Datasheet (HTML) - International Rectifier


IRFR13N20DPBF Product details

Benefits

• Low Gate to Drain Charge to Reduce Switching Losses

• Fully Characterized Capacitance Including Effective COSS to Simplify Design, (See App. Note AN1001)

• Fully Characterized Avalanche Voltage and Current



Applications

• High frequency DC-DC converters

• Lead-Free




Similar Part No. - IRFR13N20DPBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR13N20DPBF KERSEMI-IRFR13N20DPBF Datasheet
4Mb / 10P
SMPS MOSFET
logo
International Rectifier
IRFR13N20DPBF IRF-IRFR13N20DPBF Datasheet
689Kb / 11P
High frequency DC-DC converters
IRFR13N20DPBF IRF-IRFR13N20DPBF Datasheet
689Kb / 11P
HIGH FREQUENCY DC-DC CONVERTERS
IRFR13N20DPBF IRF-IRFR13N20DPBF_15 Datasheet
689Kb / 11P
HIGH FREQUENCY DC-DC CONVERTERS
More results


Similar Description - IRFR13N20DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5801 IRF-IRF5801 Datasheet
120Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)
IRF7464 IRF-IRF7464 Datasheet
168Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=0.73ohm, Id=1.2A)
IRFB31N20D IRF-IRFB31N20D Datasheet
190Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)max=0.082ohm, Id=31A)
IRFB38N20D IRF-IRFB38N20D Datasheet
133Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)max=0.054ohm, Id=44A)
IRFB42N20D IRF-IRFB42N20D Datasheet
215Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=0.055ohm, Id=44A)
IRFBA90N20D IRF-IRFBA90N20D Datasheet
98Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=98A??
IRFR13N20D IRF-IRFR13N20D Datasheet
181Kb / 10P
Power MOSFET(Vdss=200V, Rds(on)max=0.235ohm, Id=13A)
IRFP460APBF IRF-IRFP460APBF Datasheet
195Kb / 9P
SMPS MOSFET ( VDSS=500V , RDS(on)max=0.27廓 , ID=20A )
IRF6215SPBF IRF-IRF6215SPBF Datasheet
997Kb / 11P
HEXFET POWER MOSFET ( VDSS=-150V , RDS(on)=0.29廓 , ID=-13A )
IRFB31N20DPBF IRF-IRFB31N20DPBF Datasheet
295Kb / 12P
HEXFET Power MOSFET ( VDSS = 200V , RDS(on)max = 0.082廓 , ID = 31A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com