Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1952416 Datasheet (PDF) - PHOENIX CONTACT

1952416 Datasheet PDF - PHOENIX CONTACT
Part # 1952416
Download  1952416 Download
File Size   917.14 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FMC 1,5/17-ST-3,5 - PCB connector

1952416 Datasheet (PDF)

Go To PDF Page Download Datasheet
1952416 Datasheet PDF - PHOENIX CONTACT

Part # 1952416
Download  1952416 Click to download

File Size   917.14 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FMC 1,5/17-ST-3,5 - PCB connector

1952416 Datasheet (HTML) - PHOENIX CONTACT


1952416 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Socket, number of potentials: 17,
number of rows: 1, number of positions: 17, number of connections: 17, product range: FMC
1,5/..-ST, pitch: 3.5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, plug-in system: COMBICON FMC 1,5 - MCDN 1,5, locking: without,
mounting: without, type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive operation due to color-coded actuating push button
• Operation and conductor connection from one direction enable integration into front of device




Similar Part No. - 1952416

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1952403 PHOENIX-1952403 Datasheet
1Mb / 18P
Printed-circuit board connector - FMC 1,5/16-ST-3,5
Jan 5, 2023
1952429 PHOENIX-1952429 Datasheet
1Mb / 19P
FMC 1,5/18-ST-3,5 - Printed-circuit board connector
1952432 PHOENIX-1952432 Datasheet
1Mb / 19P
Printed-circuit board connector - FMC 1,5/19-ST-3,5
Jan 10, 2023
1952445 PHOENIX-1952445 Datasheet
1Mb / 18P
Printed-circuit board connector - FMC 1,5/20-ST-3,5
Jan 3, 2023
1952458 PHOENIX-1952458 Datasheet
479Kb / 11P
MCDNV 1,5/ 2-G1-3,5 RNP26THR - PCB header
More results


Similar Description - 1952416

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1701334 PHOENIX-1701334 Datasheet
72Kb / 4P
Cable connector - FMC 1,5/12-ST-3,5 BK
1704532 PHOENIX-1704532 Datasheet
56Kb / 3P
FMC 1,5/12-ST-3,5 AU
1704998 PHOENIX-1704998 Datasheet
45Kb / 2P
FMC 1,5/ 3-ST-3,5 BK
1706365 PHOENIX-1706365 Datasheet
83Kb / 3P
FMC 1,5/16-ST-3,5 BK
1761263 PHOENIX-1761263 Datasheet
70Kb / 2P
FMC 1,5/15-ST-3,5-RF BK
1832564 PHOENIX-1832564 Datasheet
70Kb / 2P
FMC 1,5/11-ST-3,5-RF AU
1826680 PHOENIX-1826680 Datasheet
63Kb / 3P
FMC 1,5/ 2-ST-3,5 BK
1966240 PHOENIX-1966240 Datasheet
147Kb / 10P
Printed-circuit board connector - FMC 1,5/17-STF-3,5
09/12/2020
1840515 PHOENIX-1840515 Datasheet
960Kb / 18P
PCB connector - MC 1,5/17-ST-3,5
Jan 4, 2023
1790632 PHOENIX-1790632 Datasheet
753Kb / 15P
PCB connector - DFMC 1,5/17-ST-3,5-LR
Jan 10, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com