Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6401EG01DL Datasheet (PDF) - Torex Semiconductor

XC6401EG01DL Datasheet PDF - Torex Semiconductor
Part # XC6401EG01DL
Download  XC6401EG01DL Download
File Size   717.21 Kbytes
Page   24 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Dual LDO Regulators, Low ESR Cap. Compatible

XC6401EG01DL Datasheet (PDF)

Go To PDF Page Download Datasheet
XC6401EG01DL Datasheet PDF - Torex Semiconductor

Part # XC6401EG01DL
Download  XC6401EG01DL Click to download

File Size   717.21 Kbytes
Page   24 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Dual LDO Regulators, Low ESR Cap. Compatible

XC6401EG01DL Datasheet (HTML) - Torex Semiconductor


XC6401EG01DL Product details

■ GENERAL DESCRIPTION
The XC6401 series are highly accurate, Dual, low noise, CMOS LDO voltage regulators. Performance features of the series includes low output noise, high ripple rejection ratio, low dropout and very fast turn-on times.
The XC6401 includes a reference voltage source, error amplifiers, driver transistors, current limiters and phase compensators internally. The XC6401’s current limiters foldback circuit also operates as a short protect for the output current limiter. The output voltage for each regulator is set independently by laser trimming. Voltages are selectable in 50mV steps within a range of 0.8V to 5.0V. The XC6401 series is also fully compatible with low ESR ceramic capacitors, reducing cost and improving output stability.

■ FEATURES
    Maximum Output Current : More than 150mA (300mA limit)
    Dropout Voltage : 100mV @100mA
    Operating Voltage Range : 1.5V ~ 6.0V
    Output Voltage Range : 0.8V~5.0V (50mV increments)
    Highly Accurate : ±2% (VOUT>1.5V)
                              : ±30mV (VOUT≦ 1.5V)
    Low Power Consumption : 25μ A (TYP.)
    Standby Current : Less than 0.1μ A (TYP.)
    High Ripple Rejection : 70dB @1kHz
    Operating Temperature Range : -40℃ ~ +85℃
    Low ESR Capacitor Compatible : Ceramic capacitor
    Low Output Noise
    Ultra Small Packages : SOT-26W,USP-6B,USP-6C

■ APPLICATIONS
● Mobile Phones
● Cordless phones and radio communication equipment
● Portable games
● Cameras, Video recorders
● Portable Audio Equipment
● PDAs




Similar Part No. - XC6401EG01DL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XC6401 ETC2-XC6401 Datasheet
6Mb / 212P
MT6516 Design Notice V1.0
More results


Similar Description - XC6401EG01DL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
logo
Kingbor Technology Co
KB6206 KINGBOR-KB6206 Datasheet
79Kb / 6P
Low ESR Cap. Compatible Positive Voltage Regulators
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
Low ESR Cap. Compatible Positive Voltage Regulators
logo
Torex Semiconductor
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6213 TOREX-XC6213_2 Datasheet
1,014Kb / 28P
High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
logo
Shenzhen Huazhimei Semi...
HM6216 HMSEMI-HM6216 Datasheet
366Kb / 8P
Low power consumption, Low ESR Cap. Compatible
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com