Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS21212 Datasheet (PDF) - Mitsubishi Electric Semiconductor

PS21212 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # PS21212
Download  PS21212 Download
File Size   183.02 Kbytes
Page   8 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description TRANSFER-MOLD TYPE INSULATED TYPE

PS21212 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS21212 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # PS21212
Download  PS21212 Click to download

File Size   183.02 Kbytes
Page   8 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description TRANSFER-MOLD TYPE INSULATED TYPE

PS21212 Datasheet (HTML) - Mitsubishi Electric Semiconductor


PS21212 Product details

Dual-In-Line Package Intelligent Power Module

INTEGRATED DRIVE, PROTECTION AND SYSTEM CONTROL FUNCTIONS
• For upper-leg IGBTS :Drive circuit, High voltage isolated high-speed level shifting, Control circuit under-voltage (UV) protection.
                                     Note : Bootstrap supply scheme can be applied (Fig. 2).
• For lower-leg IGBTS : Drive circuit, Control curcuit under-voltage protection (UV), Short circuit protection (SC). (Fig. 3)
• Fault signaling : Corresponding to a SC fault (Low-side IGBT) or a UV fault (Low-side supply).
• Input interface : 5V line CMOS/TTL compatible, Schmitt Trigger receiver circuit.

APPLICATION
   AC100V~200V three-phase inverter drive for small power (0.2 kW) motor control.




Similar Part No. - PS21212

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21204 MITSUBISHI-PS21204 Datasheet
187Kb / 8P
TRANSFER-MOLD TYPE INSULATED TYPE
PS21205 MITSUBISHI-PS21205 Datasheet
187Kb / 8P
TRANSFER-MOLD TYPE INSULATED TYPE
logo
SYNERGY MICROWAVE CORPO...
PS2122A SYNERGY-PS2122A Datasheet
321Kb / 3P
PHASE SHIFTER
PS2122B SYNERGY-PS2122B Datasheet
337Kb / 3P
PHASE SHIFTER
logo
Powerex Power Semicondu...
PS21244 POWEREX-PS21244 Datasheet
80Kb / 6P
Intellimod??Module Dual-In-Line Intelligent Power Module (15 Amperes/600 Volts)
More results


Similar Description - PS21212

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21204 MITSUBISHI-PS21204 Datasheet
187Kb / 8P
TRANSFER-MOLD TYPE INSULATED TYPE
PS21205 MITSUBISHI-PS21205 Datasheet
187Kb / 8P
TRANSFER-MOLD TYPE INSULATED TYPE
PS21312 MITSUBISHI-PS21312 Datasheet
185Kb / 9P
TRANSFER-MOLD TYPE INSULATED TYPE
PS21313 MITSUBISHI-PS21313 Datasheet
184Kb / 9P
TRANSFER-MOLD TYPE INSULATED TYPE
PS21352-N MITSUBISHI-PS21352-N Datasheet
182Kb / 9P
TRANSFER-MOLD TYPE INSULATED TYPE
PS20351-N MITSUBISHI-PS20351-N Datasheet
183Kb / 9P
TRANSFER-MOLD TYPE INSULATED TYPE
PS21342-N MITSUBISHI-PS21342-N Datasheet
180Kb / 9P
Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS51259-A MITSUBISHI-PS51259-A Datasheet
55Kb / 6P
TRANSFER-MOLD TYPE INSULATED TYPE
PS21343-N MITSUBISHI-PS21343-N Datasheet
148Kb / 9P
TRANSFER-MOLD TYPE INSULATED TYPE
PS21961-T MITSUBISHI-PS21961-T Datasheet
183Kb / 10P
Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com