Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1047476 Datasheet (PDF) - PHOENIX CONTACT

1047476 Datasheet PDF - PHOENIX CONTACT
Part # 1047476
Download  1047476 Download
File Size   275.48 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTFIX 4/6X1,5 PK - Distribution block

1047476 Datasheet (PDF)

Go To PDF Page Download Datasheet
1047476 Datasheet PDF - PHOENIX CONTACT

Part # 1047476
Download  1047476 Click to download

File Size   275.48 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTFIX 4/6X1,5 PK - Distribution block

1047476 Datasheet (HTML) - PHOENIX CONTACT


1047476 Product details

Distribution block, Basic terminal block with supply, nom. voltage: 450 V, nominal current: 17.5
A, number of connections: 7, connection method: Push-in connection, Load contact, cross
section: 0.14 mm2 - 2.5 mm2, Line contact, Rated cross section: 4 mm2, cross section: 0.2 mm2 -
6 mm2, mounting type: for snapping onto a DIN rail adapter, Direct mounting with flange, Freehanging,
color: pink




Similar Part No. - 1047476

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1047470 PHOENIX-1047470 Datasheet
525Kb / 22P
Distribution block - PTFIX 4/6X1,5 GN
Jun 23, 2022
1047472 PHOENIX-1047472 Datasheet
520Kb / 21P
Distribution block - PTFIX 4/6X1,5 BK
Jun 7, 2022
1047473 PHOENIX-1047473 Datasheet
523Kb / 22P
Distribution block - PTFIX 4/6X1,5 WH
Jun 13, 2022
1047474 PHOENIX-1047474 Datasheet
522Kb / 21P
Distribution block - PTFIX 4/6X1,5 VT
Jul 21, 2022
1047475 PHOENIX-1047475 Datasheet
527Kb / 22P
Distribution block - PTFIX 4/6X1,5 OG
Jun 24, 2022
More results


Similar Description - 1047476

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1047477 PHOENIX-1047477 Datasheet
150Kb / 11P
Distribution block - PTFIX 4/6X1,5-FE
09/12/2020
1047468 PHOENIX-1047468 Datasheet
522Kb / 21P
Distribution block - PTFIX 4/6X1,5 RD
Jun 7, 2022
1047466 PHOENIX-1047466 Datasheet
524Kb / 22P
Distribution block - PTFIX 4/6X1,5 GY
Jun 13, 2022
1047467 PHOENIX-1047467 Datasheet
525Kb / 22P
Distribution block - PTFIX 4/6X1,5 BU
Jun 16, 2022
1047470 PHOENIX-1047470 Datasheet
525Kb / 22P
Distribution block - PTFIX 4/6X1,5 GN
Jun 23, 2022
3002787 PHOENIX-3002787 Datasheet
494Kb / 21P
Distribution block - PTFIX 6X1,5 PK
Jul 6, 2022
3002900 PHOENIX-3002900 Datasheet
431Kb / 19P
Distribution block - PTFIX 6X1,5-G PK
Jul 6, 2022
1047488 PHOENIX-1047488 Datasheet
460Kb / 19P
Distribution block - PTFIX 4/6X1,5-G PK
Nov 30, 2022
1047500 PHOENIX-1047500 Datasheet
462Kb / 20P
Distribution block - PTFIX 4/6X1,5-NS15A PK
Nov 30, 2022
3002976 PHOENIX-3002976 Datasheet
437Kb / 19P
Distribution block - PTFIX 6X1,5-NS15A PK
Jul 21, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com