Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1132 Datasheet (PDF) - Ashcroft, Inc.

1132 Datasheet PDF - Ashcroft, Inc.
Part # 1132
Download  1132 Download
File Size   399.41 Kbytes
Page   3 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description 1132 Differential Pressure Gauge

1132 Datasheet (PDF)

Go To PDF Page Download Datasheet
1132 Datasheet PDF - Ashcroft, Inc.

Part # 1132
Download  1132 Click to download

File Size   399.41 Kbytes
Page   3 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description 1132 Differential Pressure Gauge

1132 Datasheet (HTML) - Ashcroft, Inc.


1132 Product details

FEATURES
Static pressure capability (1,500 psi)
Ranges from 1 psi to 60 psi
Superior magnets for smoother pointer motion
Buna-N Diaphragm & O-rings (others available)
Small convoluted diaphragm actuator




Similar Part No. - 1132

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
1132-4-N RAF-1132-4-N Datasheet
55Kb / 1P
1/4 ROUND SPACERS
logo
Amphenol SV Microwave
1132-4096 SVMICROWAVE-1132-4096 Datasheet
98Kb / 1P
SMPM FEMALE TO SMPS FEMALE ADAPTER
12/19
logo
Amphenol Corporation
1132-4108 AMPHENOL-1132-4108 Datasheet
86Kb / 1P
SMPM FD MALE TO FD MALE (NON-MAGNETIC) THREAD-IN ADAPTER
logo
Amphenol SV Microwave
1132-4108 SVMICROWAVE-1132-4108 Datasheet
86Kb / 1P
SMPM FD MALE TO FD MALE (NON-MAGNETIC) THREAD-IN ADAPTER
05/20
1132-4113 SVMICROWAVE-1132-4113 Datasheet
557Kb / 1P
SMPM FEMALE TO FEMALE COMPRESSIBLE ADAPTER
09/21
More results


Similar Description - 1132

ManufacturerPart #DatasheetDescription
logo
Fujikura Ltd.
PSMC-025KPG FUJIKURA-PSMC-025KPG Datasheet
318Kb / 2P
Pressure sensor module/Gauge,Differential
PSM-005KPG FUJIKURA-PSM-005KPG Datasheet
308Kb / 2P
Pressure sensor module/Gauge,Differential
logo
Silicon Microstructures...
SM4221 SMI-SM4221 Datasheet
1Mb / 11P
Gauge & Differential Pressure Sensors
SM5221 SMI-SM5221 Datasheet
1Mb / 11P
Gauge & Differential Pressure Sensors
logo
Festo Corporation.
9791 FESTO-9791 Datasheet
87Kb / 1P
Pressure gauge
548010 FESTO-548010 Datasheet
104Kb / 2P
Pressure gauge
8/10/22
563735 FESTO-563735 Datasheet
112Kb / 1P
Pressure gauge
8/10/22
563737 FESTO-563737 Datasheet
101Kb / 1P
Pressure gauge
8/10/22
8081401 FESTO-8081401 Datasheet
93Kb / 2P
Pressure gauge
8/11/22
8088986 FESTO-8088986 Datasheet
100Kb / 1P
Pressure gauge
8/10/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com