Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1680374 Datasheet (PDF) - PHOENIX CONTACT

1680374 Datasheet PDF - PHOENIX CONTACT
Part # 1680374
Download  1680374 Download
File Size   227.65 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTVFIX 2X2,5 BU LQ1000 - Monoblock

1680374 Datasheet (PDF)

Go To PDF Page Download Datasheet
1680374 Datasheet PDF - PHOENIX CONTACT

Part # 1680374
Download  1680374 Click to download

File Size   227.65 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTVFIX 2X2,5 BU LQ1000 - Monoblock

1680374 Datasheet (HTML) - PHOENIX CONTACT


1680374 Product details

Monoblock, nom. voltage: 690 V, nominal current: 24 A, number of connections: 2, number of
positions: 1, connection method: Push-in connection, Rated cross section: 2.5 mm2, cross
section: 0.14 mm2 - 4 mm2, mounting type: for snapping onto a DIN rail adapter, Direct mounting
with flange, Free-hanging, color: blue

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80 %, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50 % on the DIN rail, thanks to transverse mounting




Similar Part No. - 1680374

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1680377 PHOENIX-1680377 Datasheet
71Kb / 2P
Rubber seal for Pg screw connection 13.5, for conductor diameter 4.0mm, 6.5 mm
More results


Similar Description - 1680374

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1019459 PHOENIX-1019459 Datasheet
456Kb / 18P
Distribution block - PTVFIX 2X2,5 GY
May 13, 2022
1019460 PHOENIX-1019460 Datasheet
454Kb / 17P
Distribution block - PTVFIX 2X2,5 BU
May 13, 2022
1019463 PHOENIX-1019463 Datasheet
454Kb / 17P
Distribution block - PTVFIX 2X2,5 RD
May 13, 2022
1019466 PHOENIX-1019466 Datasheet
453Kb / 17P
Distribution block - PTVFIX 2X2,5 GN
May 13, 2022
1019471 PHOENIX-1019471 Datasheet
454Kb / 17P
Distribution block - PTVFIX 2X2,5 BK
May 13, 2022
1028068 PHOENIX-1028068 Datasheet
664Kb / 30P
Distribution block - PTFIX 2X2,5 BU
Jun 2, 2022
1019573 PHOENIX-1019573 Datasheet
471Kb / 18P
Distribution block - PTVFIX 12X2,5 BU
Jul 29, 2022
1019578 PHOENIX-1019578 Datasheet
474Kb / 18P
Distribution block - PTVFIX 18X2,5 BU
Jul 29, 2022
1019533 PHOENIX-1019533 Datasheet
544Kb / 18P
Distribution block - PTVFIX 12X2,5-NS35A BU
Jul 29, 2022
1019565 PHOENIX-1019565 Datasheet
466Kb / 18P
Distribution block - PTVFIX 6X2,5 BU
Jul 29, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com