Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1899113 Datasheet (PDF) - PHOENIX CONTACT

1899113 Datasheet PDF - PHOENIX CONTACT
Part # 1899113
Download  1899113 Download
File Size   207.99 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DFK-MSTBA 2,5/15-GF-5,08 - Feed-through header

1899113 Datasheet (PDF)

Go To PDF Page Download Datasheet
1899113 Datasheet PDF - PHOENIX CONTACT

Part # 1899113
Download  1899113 Click to download

File Size   207.99 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DFK-MSTBA 2,5/15-GF-5,08 - Feed-through header

1899113 Datasheet (HTML) - PHOENIX CONTACT


1899113 Product details

Feed-through header, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Pin, number of potentials: 15,
number of rows: 1, number of positions: 15, number of connections: 15, product range: DFKMSTBA
2,5/..-GF, pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder
pin [P]: 3.23 mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5,
Pin connector pattern alignment: Standard, locking: Screw locking mechanism, mounting:
Threaded flange, type of packaging: packed in cardboard

Your advantages
• Inside of the housing is protected against dust by the seal provided
• Header for assembly in a device/housing panel
• Mounting from the inside of the device through the housing panel




Similar Part No. - 1899113

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1899100 PHOENIX-1899100 Datasheet
147Kb / 6P
MSTBT 2,5/14-STF-5,08
1899126 PHOENIX-1899126 Datasheet
407Kb / 13P
FKC 2,5/16-STF-5,08
1899139 PHOENIX-1899139 Datasheet
122Kb / 8P
Base strip - DFK-MSTBVA 2.5/2-G-5.08
1899142 PHOENIX-1899142 Datasheet
177Kb / 7P
MVSTBR 2,5/ 3-ST-5,08
1899142 PHOENIX-1899142 Datasheet
156Kb / 7P
MVSTBW 2,5/ 3-ST-5,08
More results


Similar Description - 1899113

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1899003 PHOENIX-1899003 Datasheet
150Kb / 5P
DFK-MSTBA 2,5/ 4-GF-5,08
1899016 PHOENIX-1899016 Datasheet
136Kb / 5P
DFK-MSTBA 2,5/ 5-GF-5,08
1899058 PHOENIX-1899058 Datasheet
150Kb / 5P
DFK-MSTBA 2,5/ 9-GF-5,08
1899087 PHOENIX-1899087 Datasheet
149Kb / 5P
DFK-MSTBA 2,5/12-GF-5,08
1712759 PHOENIX-1712759 Datasheet
261Kb / 13P
Feed-through header - MSTB 2,5/24-GF-5,08
09/11/2020
1746907 PHOENIX-1746907 Datasheet
99Kb / 6P
Feed-through header - MSTBA 2,5/15-G-5,08 BK
09/12/2020
1776663 PHOENIX-1776663 Datasheet
270Kb / 13P
Feed-through header - MSTB 2,5/18-GF-5,08
09/12/2020
1898949 PHOENIX-1898949 Datasheet
711Kb / 20P
Feed-through header - DFK-MSTBA 2,5/13-G-5,08
Jan 10, 2023
1899045 PHOENIX-1899045 Datasheet
569Kb / 17P
Feed-through header - DFK-MSTBA 2,5/ 8-GF-5,08
Jan 10, 2023
1898965 PHOENIX-1898965 Datasheet
607Kb / 20P
DFK-MSTBA 2,5/15-G-5,08 - Feed-through header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com