Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPX40 Datasheet (PDF) - Ashcroft, Inc.

HPX40 Datasheet PDF - Ashcroft, Inc.
Part # HPX40
Download  HPX40 Download
File Size   491.21 Kbytes
Page   4 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description HPX High Purity Pressure Gauge 40 mm and 50 mm Dial Sizes

HPX40 Datasheet (PDF)

Go To PDF Page Download Datasheet
HPX40 Datasheet PDF - Ashcroft, Inc.

Part # HPX40
Download  HPX40 Click to download

File Size   491.21 Kbytes
Page   4 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description HPX High Purity Pressure Gauge 40 mm and 50 mm Dial Sizes

HPX40 Datasheet (HTML) - Ashcroft, Inc.


HPX40 Product details

FEATURES
Electropolished 316L Stainless steel wetted parts
Helium leak tested to 1 x 10-8 atm cc/s
Cleaned in class 100 clean room
<= 0.30 μm (12 μin) Internal Ra finish
Polyethylene-sealed




Similar Part No. - HPX40

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
HPX0103A CTS-HPX0103A Datasheet
191Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer
logo
Honeywell Solid State E...
HPX015AS HONEYWELL-HPX015AS Datasheet
433Kb / 9P
Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
HPX030GD HONEYWELL-ACC-HPX030GD Datasheet
515Kb / 9P
Manual Switches Sealed Toggle Switches
HPX100AS HONEYWELL-ACC-HPX100AS Datasheet
300Kb / 4P
Microstructure Pressure Sensors
logo
Coilcraft lnc.
HPX2126L COILCRAFT-HPX2126L Datasheet
245Kb / 4P
High Power PoE Signal Path Magnetics
More results


Similar Description - HPX40

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTCM-3KPSIG-D RALSTON-QTCM-3KPSIG-D Datasheet
373Kb / 1P
pressure gauge and hoses
logo
Vishay Siliconix
028-1-11 VISHAY-028-1-11 Datasheet
67Kb / 2P
28 mm Diameter Twenty-One Turn Dial
10-Jul-12
21PA11B10 VISHAY-21PA11B10 Datasheet
229Kb / 2P
46.0 mm Diameter Eleven Turn Dial
23-Jan-07
logo
Amkor Technology
FCBGA AMKOR-FCBGA Datasheet
422Kb / 2P
Package sizes from 10 mm to 55 mm (60 mm and 65 mm in development)
logo
Pulse A Technitrol Comp...
GPSMOD1315 PULSE-GPSMOD1315 Datasheet
750Kb / 10P
Active GPS Antenna Modules 13mm x 13mm and 25 mm x 25 mm sizes
logo
Vishay Siliconix
21P VISHAY-21P Datasheet
93Kb / 2P
46.0 mm Diameter Eleven Turn Dial
10-Jul-12
logo
NXP Semiconductors
MP3V5050 NXP-MP3V5050 Datasheet
432Kb / 15P
MP3V5050, 0 to 50 kPa, Differential, and Gauge Pressure Sensor
Rev. 1.4, 12/2018
logo
Pulse A Technitrol Comp...
GPSMODXXXX PULSE-GPSMODXXXX Datasheet
750Kb / 10P
Active GPS Antenna Modules 13mm x 13 mm and 25 mm x 25 mm sizes
logo
Vishay Siliconix
11 VISHAY-11 Datasheet
82Kb / 2P
25.4 mm Diameter Eleven Turn Dial
01-Apr-2021
21 VISHAY-21 Datasheet
90Kb / 2P
46.02 mm Diameter 15 Turn Dial
01-Apr-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com