Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IM06B15AC1 Datasheet (PDF) - Infineon Technologies AG

IM06B15AC1 Datasheet PDF - Infineon Technologies AG
Part # IM06B15AC1
Download  IM06B15AC1 Download
File Size   701.51 Kbytes
Page   22 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description CIPOS™ Mini IPM IM06B15AC1, 600 V 15 A

IM06B15AC1 Datasheet (PDF)

Go To PDF Page Download Datasheet
IM06B15AC1 Datasheet PDF - Infineon Technologies AG

Part # IM06B15AC1
Download  IM06B15AC1 Click to download

File Size   701.51 Kbytes
Page   22 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description CIPOS™ Mini IPM IM06B15AC1, 600 V 15 A

IM06B15AC1 Datasheet (HTML) - Infineon Technologies AG


IM06B15AC1 Product details

Features
Package
• Fully isolated dual in-line molded module
• Lead-free terminal plating; RoHS compliant
Inverter
• 650 V TRENCHSTOP™ IGBT7 T7
• 600 V rugged SOI gate driver technology with stability
against transient and negative voltage
• Allowable negative VS potential up to -11 V
for signal transmission at VBS = 15 V
• Integrated bootstrap functionality
• Overcurrent shutdown
• Built-in NTC thermistor for temperature monitor
• Undervoltage lockout at all channels
• Low-side emitter pins accessible for phase current
monitoring (open emitter)
• Cross-conduction prevention
• All of 6 switches turn off during protection




Similar Part No. - IM06B15AC1

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
IM06B0P DIT-IM06B0P Datasheet
1,020Kb / 2P
EMI/EMC FILTER
logo
Infineon Technologies A...
IM06B20AC1 INFINEON-IM06B20AC1 Datasheet
701Kb / 22P
CIPOS™ Mini IPM IM06B20AC1, 600 V 20 A
V 1.10 2024-12-16
IM06B20AC1XKMA1 INFINEON-IM06B20AC1XKMA1 Datasheet
701Kb / 22P
CIPOS™ Mini IPM IM06B20AC1, 600 V 20 A
V 1.10 2024-12-16
logo
DONG IL TECHNOLOGY LTD.
IM06B2P DIT-IM06B2P Datasheet
1,020Kb / 2P
EMI/EMC FILTER
logo
Infineon Technologies A...
IM06B30AC1 INFINEON-IM06B30AC1 Datasheet
699Kb / 22P
CIPOS™ Mini IPM IM06B30AC1, 600 V 30 A
V 1.10 2024-12-16
More results


Similar Description - IM06B15AC1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NFAQ1560R43T ONSEMI-NFAQ1560R43T Datasheet
630Kb / 15P
Intelligent Power Module (IPM) 600 V, 15 A
February, 2021 ??Rev. 1
NFAQ1560R43TL ONSEMI-NFAQ1560R43TL Datasheet
610Kb / 14P
Intelligent Power Module (IPM) 600 V, 15 A
February, 2021 ??Rev. 1
STK551U392A-E ONSEMI-STK551U392A-E Datasheet
855Kb / 16P
Intelligent Power Module (IPM) 600 V, 15 A
December 2016 - Rev. 2
logo
Infineon Technologies A...
IM241 INFINEON-IM241 Datasheet
848Kb / 26P
CIPOS™ Micro IPM 600 V, 2 A
Revision 1.6 2022-06-26
IM523-L6A INFINEON-IM523-L6A Datasheet
1,022Kb / 22P
CIPOS™ Mini IM523
V 2.0 2022-04-26
IM241-L6T2Y INFINEON-IM241-L6T2Y Datasheet
911Kb / 26P
CIPOS™ Micro IPM 600 V, 6 A
Revision 1.6 2022-06-26
IM241-M6T2Y INFINEON-IM241-M6T2Y Datasheet
927Kb / 26P
CIPOS™ Micro IPM 600 V, 4 A
Revision 1.6 2022-06-26
IFCM15S60GS INFINEON-IFCM15S60GS Datasheet
1Mb / 26P
CIPOS™ Mini
Verison 2.4 2021-12-21
IM241-S6T2Y INFINEON-IM241-S6T2Y Datasheet
927Kb / 26P
CIPOS™ Micro IPM 600 V, 2 A IM241 Series
Revision 1.6 2022-06-26
IM523-X6A INFINEON-IM523-X6A Datasheet
1Mb / 22P
CIPOS™ Mini IM523
V 2.0 2022-04-26
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com