Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

101008S02DXFF Datasheet (PDF) - Ashcroft, Inc.

101008S02DXFF Datasheet PDF - Ashcroft, Inc.
Part # 101008S02DXFF
Download  101008S02DXFF Download
File Size   1147.05 Kbytes
Page   4 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description 1008S 63 mm & 100 mm Stainless Steel Pressure Gauge

101008S02DXFF Datasheet (PDF)

Go To PDF Page Download Datasheet
101008S02DXFF Datasheet PDF - Ashcroft, Inc.

Part # 101008S02DXFF
Download  101008S02DXFF Click to download

File Size   1147.05 Kbytes
Page   4 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description 1008S 63 mm & 100 mm Stainless Steel Pressure Gauge

101008S02DXFF Datasheet (HTML) - Ashcroft, Inc.


101008S02DXFF Product details

FEATURES
„ PowerFlex™ movement provides superior resistance to shock, vibration and pulsation
„ PLUS!™ Performance patented dampening technology provides liquid fill performance in a dry gauge
„ All welded stainless steel construction
„ Ventable fill plug
„ MSL Helium leak tested to 1x10-6 scc/s
„ Ammonia and refrigerant versions available
„ NSF-61 Compliant




Similar Part No. - 101008S02DXFF

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
101008S02CBX6B ASHCROFT-101008S02CBX6B Datasheet
1Mb / 4P
1008S/SL Center Back Pressure Gauge
RevH_1-31-23
101008S02CBXAN ASHCROFT-101008S02CBXAN Datasheet
1Mb / 4P
1008S/SL Center Back Pressure Gauge
RevH_1-31-23
101008S02CBXC4 ASHCROFT-101008S02CBXC4 Datasheet
1Mb / 4P
1008S/SL Center Back Pressure Gauge
RevH_1-31-23
101008S02CBXFF ASHCROFT-101008S02CBXFF Datasheet
1Mb / 4P
1008S/SL Center Back Pressure Gauge
RevH_1-31-23
101008S02CBXGV ASHCROFT-101008S02CBXGV Datasheet
1Mb / 4P
1008S/SL Center Back Pressure Gauge
RevH_1-31-23
More results


Similar Description - 101008S02DXFF

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
Precision stainless steel pressure transmitters
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
Stainless steel pressure sensors
logo
Honeywell Solid State E...
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
Stainless Steel Pressure Sensors
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
Stainless Steel Pressure Sensors
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
SSIB001-GU9AH5 SENSORTECHNICS-SSIB001-GU9AH5 Datasheet
106Kb / 7P
Amplified stainless steel pressure sensors
SSO-B001G8FH SENSORTECHNICS-SSO-B001G8FH Datasheet
79Kb / 6P
Compensated stainless steel pressure sensors
logo
TT Electronics.
FMEX TTELEC-FMEX Datasheet
337Kb / 2P
Stainless Steel Pressure Gauge (50mm, 63mm, 100mm, 150mm)
logo
BELIMO AIRCONTROLS (USA...
EXT-RP-SSRPV BELIMO-EXT-RP-SSRPV Datasheet
174Kb / 1P
STAINLESS STEEL PRESSURE PICKUP PORT
logo
EAO AG.
82-6151.0124 EAO-82-6151.0124 Datasheet
463Kb / 2P
Indicator 22 mm stainless-steel
05.09.2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com