Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F5509 Datasheet (PDF) - Ashcroft, Inc.

F5509 Datasheet PDF - Ashcroft, Inc.
Part # F5509
Download  F5509 Download
File Size   285.36 Kbytes
Page   5 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description F5509, F6509 Differential Pressure Gauge

F5509 Datasheet (PDF)

Go To PDF Page Download Datasheet
F5509 Datasheet PDF - Ashcroft, Inc.

Part # F5509
Download  F5509 Click to download

File Size   285.36 Kbytes
Page   5 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description F5509, F6509 Differential Pressure Gauge

F5509 Datasheet (HTML) - Ashcroft, Inc.


F5509 Product details

FEATURES
316L Stainless steel case and wetted parts
Static pressure 232 psi or 580 psi
Ingress protection IP66/NEMA 4X
Compliant to DIN 16003
Dry or liquid filled
Optional solid front case




Similar Part No. - F5509

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F5500 FOX-F5500 Datasheet
209Kb / 1P
SMD COMPLEMENTARY OUTPUT ECL OSCILLATOR
F5500AC FOX-F5500AC Datasheet
209Kb / 1P
SMD COMPLEMENTARY OUTPUT ECL OSCILLATOR
F5500ACR FOX-F5500ACR Datasheet
209Kb / 1P
SMD COMPLEMENTARY OUTPUT ECL OSCILLATOR
F5500BC FOX-F5500BC Datasheet
209Kb / 1P
SMD COMPLEMENTARY OUTPUT ECL OSCILLATOR
F5500BCR FOX-F5500BCR Datasheet
209Kb / 1P
SMD COMPLEMENTARY OUTPUT ECL OSCILLATOR
More results


Similar Description - F5509

ManufacturerPart #DatasheetDescription
logo
Fujikura Ltd.
PSMC-025KPG FUJIKURA-PSMC-025KPG Datasheet
318Kb / 2P
Pressure sensor module/Gauge,Differential
PSM-005KPG FUJIKURA-PSM-005KPG Datasheet
308Kb / 2P
Pressure sensor module/Gauge,Differential
logo
Silicon Microstructures...
SM4221 SMI-SM4221 Datasheet
1Mb / 11P
Gauge & Differential Pressure Sensors
SM5221 SMI-SM5221 Datasheet
1Mb / 11P
Gauge & Differential Pressure Sensors
logo
Festo Corporation.
9791 FESTO-9791 Datasheet
87Kb / 1P
Pressure gauge
548010 FESTO-548010 Datasheet
104Kb / 2P
Pressure gauge
8/10/22
563735 FESTO-563735 Datasheet
112Kb / 1P
Pressure gauge
8/10/22
563737 FESTO-563737 Datasheet
101Kb / 1P
Pressure gauge
8/10/22
8081401 FESTO-8081401 Datasheet
93Kb / 2P
Pressure gauge
8/11/22
8088986 FESTO-8088986 Datasheet
100Kb / 1P
Pressure gauge
8/10/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com