Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS75LXU Datasheet (PDF) - Maxim Integrated Products

DS75LXU Datasheet PDF - Maxim Integrated Products
Part # DS75LXU
Download  DS75LXU Download
File Size   228.65 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Digital Thermometer and Thermostat with Extended Addressing

DS75LXU Datasheet (PDF)

Go To PDF Page Download Datasheet
DS75LXU Datasheet PDF - Maxim Integrated Products

Part # DS75LXU
Download  DS75LXU Click to download

File Size   228.65 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Digital Thermometer and Thermostat with Extended Addressing

DS75LXU Datasheet (HTML) - Maxim Integrated Products


DS75LXU Product details

GENERAL DESCRIPTION

This low-voltage (1.7V to 3.7V) digital thermometer and thermostat provides 9, 10, 11, or 12-bit digital temperature readings over a -55°C to +125°C range with ±2°C accuracy over a -25°C to +100°C range. At

power-up, the DS75LX defaults to 9-bit resolution for software compatibility with the LM75. Communication

with the DS75LX is achieved through a simple 2-wire serial interface. Three tri-state address pins allow up to 27 DS75LX devices to operate on the same 2-wire bus, which greatly simplifies distributed temperature sensing applications.



FEATURES

1.7V to 3.7V Operating Range

Tri-State Address Pins Allow Up to 27 Unique Bus Addresses

Temperature Measurements Require No External Components

Measures Temperatures from -55°C to +125°C(-67°F to +257°F)

±2°C Accuracy from -25°C to +100°C

Thermometer Resolution Is User Configurable from 9 (Default) to 12 Bits (0.5°C to 0.0625°C Resolution)

9-Bit Conversion Time is 25ms (max)

Thermostatic Settings are User-Definable

Data is Read/Written Through 2-Wire Serial Interface (SDA and SCL Pins)

Data Lines Filtered Internally for Noise Immunity (50ns Deglitch)

Bus Timeout Feature Prevents Lockup Problems on 2-Wire Interface

Multidrop Capability Simplifies Distributed Temperature-Sensing Applications

Pin/Software Compatible with the LM75

Available in 8-Pin μSOP (μMAX®) and SO Packages



APPLICATIONS

Any Thermally Sensitive System

Cellular Base Stations

Telecom Switches and Routers

Servers




Similar Part No. - DS75LXU

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS75LXUTR DALLAS-DS75LXUTR Datasheet
234Kb / 13P
Digital Thermometer and Thermostat with Extended Addressing
More results


Similar Description - DS75LXU

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
Digital Thermometer and Thermostat
051106
DS75LV_0611 MAXIM-DS75LV_0611 Datasheet
281Kb / 13P
Digital Thermometer and Thermostat
112006
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
Digital Thermometer and Thermostat
053105
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
Digital Thermometer and Thermostat
022108
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
Digital Thermometer and Thermostat
090905
logo
Dallas Semiconductor
DS75LXUTR DALLAS-DS75LXUTR Datasheet
234Kb / 13P
Digital Thermometer and Thermostat with Extended Addressing
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
Digital Thermometer and Thermostat
2016
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
Digital Thermometer and Thermostat
2015
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
Digital Thermometer and Thermostat
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com