Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YDA139 Datasheet (PDF) - YAMAHA CORPORATION

YDA139 Datasheet PDF - YAMAHA CORPORATION
Part # YDA139
Download  YDA139 Download
File Size   1304.92 Kbytes
Page   18 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description D- 4 STEREO 2.5W DIGITAL AUDIO POWER AMPLIFIER

YDA139 Datasheet (PDF)

Go To PDF Page Download Datasheet
YDA139 Datasheet PDF - YAMAHA CORPORATION

Part # YDA139
Download  YDA139 Click to download

File Size   1304.92 Kbytes
Page   18 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description D- 4 STEREO 2.5W DIGITAL AUDIO POWER AMPLIFIER

YDA139 Datasheet (HTML) - YAMAHA CORPORATION


YDA139 Product details

■Overview

YDA139 (D-4) is a digital audio power amplifier IC with maximum output of 2.5W (RL=4Ω)×2ch. YDA139 has a “Pure Pulse Direct Speaker Drive Circuit” which directly drives speakers while reducing distortion of pulse output signal and reducing noise on the signal, and realizes the highest standard low distortion rate characteristics and low noise characteristics as the same class of output digital amplifier IC. In addition, circuit design with fewer external parts can be made depend on the condition of use because corresponds to filter less.

YDA139 has the power-down function which can minimize the power consumption in the standby state. In addition, high speed recovery function provided realizes recovery time within 1ms from the power-down state. Moreover, Over-current Protection function for speaker output terminals, IC Thermal Protection function, and POP Noise Reduction function are provided. YDA139 supports both digital signal input and analog signal input.



■Features

・Maximum output

WLCSP25

2.5 W×2ch (VDDP=VDDA=5.0V, RL=4Ω, THD+N=10%)

1.5 W×2ch (VDDP=VDDA=5.0V, RL=8Ω, THD+N=10%)

SSOP24

2.5 W×2ch (VDDP=VDDA=5.0V, RL=4Ω, THD+N=10%)

1.3 W×2ch (VDDP=VDDA=5.0V, RL=8Ω, THD+N=10%)

・Efficiency

WLCSP25

91 % (Analog input mode, VDDP=VDDA=5.0V, RL=8Ω, Po=1.5W)

SSOP24

88 % (Analog input mode, VDDP=VDDA=5.0V, RL=8Ω, Po=1.5W)

・Distortion Rate (THD+N)

0.03 % (Analog input mode, VDDP=VDDA=5.0V, RL=8Ω, Po=0.65W)

・S/N Ratio

99dB (Analog input mode, VDDP=VDDA=5.0V, Gain[1:0]=L,L)

・Over-current Protection function

・Thermal Protection function

・Low voltage Malfunction Prevention function

・Power-down function by PDN terminal

・Power-down High speed Recovery function

・Package

  Lead-free 25-ball WLCSP (YDA139-WZ)

  Lead-free 24-pin SSOP (YDA139-EZ)




Similar Part No. - YDA139

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YDA131 YAMAHA-YDA131 Datasheet
1Mb / 18P
D- 1 STEREO 2.5W DIGITAL AUDIO POWER AMPLIFIER
YDA135 YAMAHA-YDA135 Datasheet
464Kb / 22P
STEREO 5W-20W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
YDA136 YAMAHA-YDA136 Datasheet
1Mb / 32P
D- 60 STEREO 60W-100W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
YDA137 YAMAHA-YDA137 Datasheet
924Kb / 20P
D- 2 STEREO 5W DIGITAL AUDIO POWER AMPLIFIER
YDA138 YAMAHA-YDA138 Datasheet
1Mb / 20P
D- 3 STEREO 10W DIGITAL AUDIO POWER AMPLIFIER
More results


Similar Description - YDA139

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4674 NSC-LM4674 Datasheet
844Kb / 18P
Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
YAMAHA CORPORATION
YDA131 YAMAHA-YDA131 Datasheet
1Mb / 18P
D- 1 STEREO 2.5W DIGITAL AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4674A NSC-LM4674A Datasheet
838Kb / 18P
Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2603B ANPEC-APA2603B Datasheet
500Kb / 24P
2.5W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
LM4674 TI1-LM4674_14 Datasheet
1Mb / 27P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674A TI1-LM4674A_14 Datasheet
837Kb / 20P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674A TI-LM4674A_15 Datasheet
804Kb / 19P
Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Skyworks Solutions Inc.
AAT5102 SKYWORKS-AAT5102 Datasheet
3Mb / 19P
2.5W-Ch Stereo Class D Audio Power Amplifier
logo
Texas Instruments
LM4674 TI1-LM4674 Datasheet
1Mb / 27P
LM4674 Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Diodes Incorporated
PAM8003 DIODES-PAM8003 Datasheet
542Kb / 12P
FILTERLESS 2.5W CLASS-D STEREO AUDIO AMPLIFIER
Rev 2
More results




About YAMAHA CORPORATION


Yamaha Corporation is a Japanese multinational corporation that specializes in the manufacture of a wide range of products including musical instruments, electronics, motorcycles, and power products.

The company was founded in 1887 and has its headquarters in Hamamatsu, Japan.

Yamaha is known for its high-quality products and innovative technology, and it has a strong reputation in the industries it operates in.

The company's products are widely used by musicians and music enthusiasts, as well as in many other applications such as industrial, automotive, and power generation.

Yamaha has a global presence and operates subsidiaries and sales offices in many countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com