Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8803 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
DRV8803 Datasheet PDF - Texas Instruments
Part # DRV8803
Download  DRV8803 Download
File Size   2122.32 Kbytes
Page   37 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DRV8803 Quad Low-Side Driver IC

DRV8803 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8803 Datasheet PDF - Texas Instruments

Part # DRV8803
Download  DRV8803 Click to download

File Size   2122.32 Kbytes
Page   37 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DRV8803 Quad Low-Side Driver IC

DRV8803 Datasheet (HTML) - Texas Instruments


DRV8803 Product details

1 Features
• 4-Channel Protected Low-Side Driver
– Four NMOS FETs With Overcurrent Protection
– Integrated Inductive Clamp Diodes
– Parallel Interface
• DW Package: 1.5A (Single Channel On) /
800mA (Four Channels On) Maximum Drive
Current per Channel (at 25°C)
• PWP Package: 2A (Single Channel On) /
1A (Four Channels On) Maximum Drive Current
per Channel (at 25°C, With Proper PCB
Heatsinking)
• DYZ Package: 1.9A (Single Channel On) /
0.9A (Four Channels On) Maximum Drive
Current per Channel (at 25°C, With Proper PCB
Heatsinking)
• 8.2V to 60V Operating Supply Voltage Range
• Thermally Enhanced Surface Mount Package

2 Applications
• Relay Drivers
• Unipolar Stepper Motor Drivers
• Solenoid Drivers
• General Low-Side Switch Applications

3 Description
The DRV8803 provides a 4-channel low side driver
with overcurrent protection. The device has builtin
diodes to clamp turnoff transients generated by
inductive loads and can be used to drive unipolar
stepper motors, DC motors, relays, solenoids, or other
loads.
In the SOIC (DW) package, the DRV8803 can supply
up to 1.5A (one channel on) or 800mA (all channels
on) continuous output current per channel, at 25°C. In
the HTSSOP (PWP) package, the device can supply
up to 2A (one channel on) or 1A (four channels on)
continuous output current per channel, at 25°C . In
the SOT-23-THN (DYZ) package, the DRV8803 can
supply up to 1.9A (one channel on) or 900mA (all
channels on) continuous output current per channel,
at 25°C with proper PCB heatsinking.
The device is controlled through a simple parallel
interface.
Internal shutdown functions are provided for
over current protection, short circuit protection,
undervoltage lockout and overtemperature and faults
are indicated by a fault output pin.
The DRV8803 is available in a 20-pin thermallyenhanced
SOIC package, 16-pin HTSSOP package
and 16-pin SOT-23-THN package (Eco-friendly: RoHS
& no Sb/Br).




Similar Part No. - DRV8803

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8803 TI1-DRV8803 Datasheet
558Kb / 15P
QUAD LOW-SIDE DRIVER IC
June2012
DRV8803 TI1-DRV8803 Datasheet
1Mb / 26P
DRV8803/04/05/06 Evaluation Module
DRV8803 TI-DRV8803 Datasheet
887Kb / 19P
QUAD LOW-SIDE DRIVER IC
DRV8803DW TI1-DRV8803DW Datasheet
558Kb / 15P
QUAD LOW-SIDE DRIVER IC
June2012
DRV8803DW TI-DRV8803DW Datasheet
887Kb / 19P
QUAD LOW-SIDE DRIVER IC
More results


Similar Description - DRV8803

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8803 TI1-DRV8803 Datasheet
558Kb / 15P
QUAD LOW-SIDE DRIVER IC
June2012
DRV8804 TI1-DRV8804 Datasheet
581Kb / 15P
QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
NOVEMBER2011
DRV8806 TI1-DRV8806 Datasheet
703Kb / 18P
QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8804PWP TI1-DRV8804PWP Datasheet
765Kb / 18P
QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8803PWP TI-DRV8803PWP Datasheet
887Kb / 19P
QUAD LOW-SIDE DRIVER IC
DRV8803 TI-DRV8803_15 Datasheet
933Kb / 20P
QUAD LOW-SIDE DRIVER IC
DRV8804 TI-DRV8804_15 Datasheet
956Kb / 21P
QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8803 TI1-DRV8803_16 Datasheet
1Mb / 26P
Quad Low-Side Driver IC
DRV8804 TI1-DRV8804_16 Datasheet
1Mb / 27P
Quad Serial Interface Low-Side Driver IC
DRV8806 TI1-DRV8806_16 Datasheet
1Mb / 27P
Quad Serial Interface Low-Side Driver IC
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com