Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8848PWPR Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
DRV8848PWPR Datasheet PDF - Texas Instruments
Part # DRV8848PWPR
Download  DRV8848PWPR Download
File Size   1241.84 Kbytes
Page   29 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DRV8848 Dual H-Bridge Motor Driver

DRV8848PWPR Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8848PWPR Datasheet PDF - Texas Instruments

Part # DRV8848PWPR
Download  DRV8848PWPR Click to download

File Size   1241.84 Kbytes
Page   29 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DRV8848 Dual H-Bridge Motor Driver

DRV8848PWPR Datasheet (HTML) - Texas Instruments


DRV8848PWPR Product details

1 Features
• Dual H-Bridge Motor Driver
– Single/Dual Brushed DC
– Stepper
• 4 to 18V Operating Supply Voltage Range
• Low ON-resistance: HS + LS = 900mΩ (Typical,
25°C)
• PWM Control Interface
• Optional Current Regulation With 20μs Fixed
Off-Time
• High Output Current per H-Bridge
– 2A Maximum Driver Current at 12V and
TA = 25°C
– Parallel Mode Available Capable of 4A
Maximum Driver Current at 12V and
TA = 25°C
• Low-Current 3μA Sleep Mode
• Thermally-Enhanced Surface Mount Package
• Protection Features
– VM Undervoltage Lockout (UVLO)
– Overcurrent Protection (OCP)
– Thermal Shutdown (TSD)
– Fault Condition Indication Pin (nFAULT)

2 Applications
• Appliances
• General Brushed and Stepper Motors
• Printers

3 Description
The DRV8848 provides a dual H-bridge motor
driver for home appliances and other mechatronic
applications. The device can be used to drive one
or two DC motors, a bipolar stepper motor, or other
loads. A simple PWM interface allows easy interfacing
with controller circuits.
The output block of each H-bridge driver consists
of N-channel and P-channel power MOSFETs
configured as full H-bridges to drive the motor
windings. Each H-bridge includes circuitry to regulate
the winding current using a fixed off-time chopping
scheme. The DRV8848 is capable of driving up to
2A of current from each output or 4A of current in
parallel mode (with proper heat sinking, at 12V and TA
= 25°C).
A low-power sleep mode is provided, which shuts
down internal circuitry to achieve very-low quiescent
current draw. This sleep mode can be set using a
dedicated nSLEEP pin.
Internal protection functions are provided for UVLO,
OCP, short-circuit protection and overtemperature.
Fault conditions are indicated by a nFAULT pin.




Similar Part No. - DRV8848PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8848PWPR TI1-DRV8848PWPR Datasheet
1,018Kb / 27P
Dual H-Bridge Motor Driver
More results


Similar Description - DRV8848PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8848 TI-DRV8848_15 Datasheet
975Kb / 28P
DRV8848 Dual H-Bridge Motor Driver
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
Dual H-Bridge Motor Driver
DRV8833 TI1-DRV8833_16 Datasheet
1Mb / 30P
Dual H-Bridge Motor Driver
DRV8833C TI1-DRV8833C Datasheet
1Mb / 29P
Dual H-Bridge Motor Driver
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
Dual H-bridge Motor Driver
July, 2014
logo
Texas Instruments
DRV8847 TI1-DRV8847 Datasheet
626Kb / 51P
Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_18 Datasheet
759Kb / 55P
Dual H-Bridge Motor Driver
DRV8847_1812 TI1-DRV8847_1812 Datasheet
2Mb / 70P
Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_19 Datasheet
2Mb / 67P
Dual H-Bridge Motor Driver
logo
Princeton Technology Co...
PT5139 PTC-PT5139 Datasheet
1Mb / 18P
Dual H-Bridge Motor Driver
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com