Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX1205RHAT Datasheet (PDF) - Texas Instruments

LMX1205RHAT Datasheet PDF - Texas Instruments
Part # LMX1205RHAT
Download  LMX1205RHAT Download
File Size   2769.34 Kbytes
Page   69 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LMX1205 Low-Noise, High-Frequency JESD Buffer/Multiplier/Divider

LMX1205RHAT Datasheet (PDF)

Go To PDF Page Download Datasheet
LMX1205RHAT Datasheet PDF - Texas Instruments

Part # LMX1205RHAT
Download  LMX1205RHAT Click to download

File Size   2769.34 Kbytes
Page   69 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LMX1205 Low-Noise, High-Frequency JESD Buffer/Multiplier/Divider

LMX1205RHAT Datasheet (HTML) - Texas Instruments


LMX1205RHAT Product details

1 Features
• Output frequency: 300MHz to 12.8GHz
• Noiseless adjustable input delay up to 60ps with
1.1ps resolution
• Individual adjustable output delays up to 55ps with
0.9ps resolution
• Ultra-low noise
– Noise floor: –159dBc/Hz at 6GHz output
– Additive jitter (DC to fCLK): 36fs
– Additive jitter (100Hz to 100MHz): 10fs
• Four high-frequency clocks with corresponding
SYSREF outputs
– Shared divide by 1 (Bypass), 2, 3, 4, 5, 6, 7,
and 8
– Shared programmable multiplier x2, x3, x4, x5,
x6, x7 and x8
• LOGICLK output with corresponding SYSREF
output
– On separate divide bank
– 1, 2, 4 pre-divider
– 1 (bypass), 2, …, 1023 post divider
– Second logic clock option with additional divider
1, 2, 4 & 8
• Six programmable output power levels
• Synchronized SYSREF clock outputs
– 508 delay step adjustments of less than 2.5ps
at 12.8GHz
– Generator, repeater and repeater retime modes
– Windowing feature for SYSREFREQ pins to
optimize timing
• SYNC feature to all divides and multiple devices
• Operating voltage: 2.5V
• Operating temperature: –40ºC to +85ºC

2 Applications
• Test & Measurement:
– Oscilloscope
– Wireless equipment testers
– Wideband digitizers
• Aerospace & Defense:
– Radar
– Electronic warfare
– Seeker Front end
– Munitions
– Phase array antenna / Beam forming
• General Purpose:
– Data converter clocking
– Clock buffer distribution / division

3 Description
The high frequency capability, extremely low jitter
and programmable clock input and output delay
of this device, makes a great approach to clock
high precision, high-frequency data converters without
degradation of signal-to-noise ratio. Each of the four
high frequency clock outputs and additional LOGICLK
outputs with larger divider range, is paired with a
SYSREF output clock signal. The SYSREF signal
for JESD204B/C interfaces can either be internally
generated or passed in as an input and re-clocked
to the device clocks. The noiseless delay adjustment
at input path of the high frequency clock input
and individual clock output paths insures low skew
clocks in multi-channel system. For data converter
clocking application, having the jitter of the clock
less than the aperture jitter of the data converter
is important. In applications where more than four
data converters need to be clocked, a variety of
cascading architectures can be developed using
multiple devices to distribute all the high frequency
clocks and SYSREF signals required. This device,
combined with an ultra-low noise reference clock
source, is an exemplary choice for clocking data
converters, especially when sampling above 3GHz.




Similar Part No. - LMX1205RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX1205RHAT TI2-LMX1205RHAT Datasheet
2Mb / 68P
LMX1205 Low-Noise, High-Frequency JESD Buffer/Multiplier/Divider
DECEMBER 2024
LMX1205RHAT.A TI2-LMX1205RHAT.A Datasheet
2Mb / 68P
LMX1205 Low-Noise, High-Frequency JESD Buffer/Multiplier/Divider
DECEMBER 2024
More results


Similar Description - LMX1205RHAT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS670-01 ICST-ICS670-01 Datasheet
84Kb / 5P
Low Phase Noise Zero Delay Buffer and Multiplier
Revision 100900
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
Low skew, low jitter, PLL clock buffer with divider or multiplier
logo
Integrated Circuit Syst...
ICS670-02 ICST-ICS670-02 Datasheet
175Kb / 6P
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
Revision 031805
ICS670-03 ICST-ICS670-03 Datasheet
178Kb / 6P
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
ICS670-04 ICST-ICS670-04 Datasheet
176Kb / 6P
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
logo
List of Unclassifed Man...
670M-01ILFT ETC2-670M-01ILFT Datasheet
203Kb / 7P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
logo
Integrated Device Techn...
670M-03ILF IDT-670M-03ILF Datasheet
202Kb / 7P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
logo
Texas Instruments
LMX1204 TI-LMX1204 Datasheet
2Mb / 34P
LMX1204 Low-Noise, High-Frequency JESD Buffer/Multiplier/Divider
SNAS800 ??JULY 2021
logo
Renesas Technology Corp
ICS670-01 RENESAS-ICS670-01 Datasheet
245Kb / 8P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
012315
ICS670-04 RENESAS-ICS670-04 Datasheet
353Kb / 8P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
051310
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com