Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS3100A-2.5 Datasheet (PDF) - Advanced Monolithic Systems

AMS3100A-2.5 Datasheet PDF - Advanced Monolithic Systems
Part # AMS3100A-2.5
Download  AMS3100A-2.5 Download
File Size   45.48 Kbytes
Page   4 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description MICROPOWER VOLTAGE REFERENCE

AMS3100A-2.5 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS3100A-2.5 Datasheet PDF - Advanced Monolithic Systems

Part # AMS3100A-2.5
Download  AMS3100A-2.5 Click to download

File Size   45.48 Kbytes
Page   4 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description MICROPOWER VOLTAGE REFERENCE

AMS3100A-2.5 Datasheet (HTML) - Advanced Monolithic Systems


AMS3100A-2.5 Product details

GENERAL DESCRIPTION
The AMS3100-2.5 are two-terminal micropower band-gap voltage reference that feature a very low dynamic impedance and good temperature coefficient, operating over a 20µA to 20mA current range. AMS3100-2.5 is trimmed at wafer test level to optimize the temperature coefficient and tight output voltage tolerance. The advanced process technology used, makes the AMS3100-2.5 exceptionally tolerant of capacitive loading, making it easy to use in almost any reference application. The wide dynamic operating range allows its use with widely varying supplies with excellent regulation. The extremely low power drain, makes these reference diodes useful for micropower circuitry. These voltage references can be used to make portable meters, regulators or general purpose analog circuitry with battery life approaching shelf life. Further more, the wide operating current allows it to replace older references with a tight tolerance part. Pin to pin compatible with other standard industry references, the AMS3100-2.5 offers the advantage of long term stability at low cost.

FEATURES
• ±12 mV (±0.5%) max. initial tolerance (A grade)
• Operating Current 20mA to 20mA
• Low Voltage Reference 2.50V
• Max. 0.5W Dynamic Impedance (A grade)
• Low Temperature Coefficient
• SOT-23 Package Available
• Low cost

APPLICATIONS
• Battery Powered Systems
• Instrumentation
• A/D, D/A Converters
• Temperature measurement
• Current sources
• Notebook/Personal Computer
• Monitors/ VCR/ TV
• Pagers




Similar Part No. - AMS3100A-2.5

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3100A-25 ADMOS-AMS3100A-25 Datasheet
61Kb / 6P
MICROPOWER VOLTAGE REFERENCE
More results


Similar Description - AMS3100A-2.5

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
MICROPOWER VOLTAGE REFERENCE
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
MICROPOWER VOLTAGE REFERENCE
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
MICROPOWER VOLTAGE REFERENCE
logo
Intersil Corporation
ISL21010_1112 INTERSIL-ISL21010_1112 Datasheet
1Mb / 20P
Micropower Voltage Reference
December 8, 2011
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
Micropower Voltage Reference
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
Micropower Voltage Reference
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com