Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRS3232E Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TRS3232E Datasheet PDF - Texas Instruments
Part # TRS3232E
Download  TRS3232E Download
File Size   2382.98 Kbytes
Page   40 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TRS3232E 3V to 5.5V Multichannel RS-232 Line Driver and Receiver With ±15kV IEC ESD Protection In Small Package

TRS3232E Datasheet (PDF)

Go To PDF Page Download Datasheet
TRS3232E Datasheet PDF - Texas Instruments

Part # TRS3232E
Download  TRS3232E Click to download

File Size   2382.98 Kbytes
Page   40 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TRS3232E 3V to 5.5V Multichannel RS-232 Line Driver and Receiver With ±15kV IEC ESD Protection In Small Package

TRS3232E Datasheet (HTML) - Texas Instruments


TRS3232E Product details

1 Features
• ESD protection for RS-232 bus pins
– ±15kV (HBM)
– ±8kV (IEC61000-4-2, Contact discharge)
– ±15kV (IEC61000-4-2, Air-gap discharge)
• Meets or exceeds the requirements of TIA/
EIA-232-F and ITU V.28 standards
• Operates with 3V to 5.5V VCC supply
– Interoperable with RS-232 down to 2.7V VCC
• Operates up to 250kbps
• Two drivers and two receivers
• Low supply current: 300μA (typical)
• External capacitors: 4 × 0.1μF
• Accepts 5V logic input with 3.3V supply
• Available in near chip-scale package (QFN-16,
3mm x 3mm), 85% smaller than SOIC-16
• Pin compatible to alternative high-speed devices
(1Mbps)
– SN65C3232E (–40°C to +85°C)
– SN75C3232E (0°C to 70°C)

2 Applications
• Industrial PCs
• Wired networking
• Data center and enterprise computing
• Battery-powered systems
• Notebooks
• Palmtop PCs
• Hand-held equipment

3 Description
The TRS3232E device consists of two line drivers,
two-line receivers, and a dual charge-pump circuit
with ±15kV IEC ESD protection pin to pin (serial-port
connection pins, including GND).
The device meets the requirements of TIA/EIA-232-
F and provides the electrical interface between
an asynchronous communication controller and the
serial-port connector. The charge pump and four small
external capacitors allow operation from a single 3V
to 5.5V supply. The devices operate at data signaling
rates up to 250kbps and a maximum of 30V/μs driver
output slew rate.




Similar Part No. - TRS3232E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3232E TI-TRS3232E Datasheet
444Kb / 16P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3232E TI-TRS3232E Datasheet
1Mb / 28P
TRS3232E 3-V to 5.5-V Multichannel RS-232 Line Driver and Receiver With 짹15-kV IEC ESD Protection
TRS3232E TI2-TRS3232E Datasheet
354Kb / 15P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ±15-kV IEC ESD PROTECTION
MARCH 2009
TRS3232E-Q1 TI1-TRS3232E-Q1 Datasheet
204Kb / 11P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3232E-Q1 TI-TRS3232E-Q1 Datasheet
1Mb / 28P
TRS3232E 3-V to 5.5-V Multichannel RS-232 Line Driver and Receiver With 짹15-kV IEC ESD Protection
More results


Similar Description - TRS3232E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX202 TI-MAX202 Datasheet
321Kb / 14P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15KV ESD PROTECTION
MAX3232E TI-MAX3232E_07 Datasheet
352Kb / 18P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E Datasheet
630Kb / 27P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3232E TI-TRS3232E Datasheet
444Kb / 16P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E_10 Datasheet
740Kb / 26P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E_101 TI-MAX3232E_101 Datasheet
531Kb / 19P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3238-Q1 TI1-MAX3238-Q1 Datasheet
252Kb / 15P
3-V TO 5.5V MULTICHANNEL RS-232 LINE DRIVER RECEIVER WITH 15-kV ESD(HBM) PROTECTION
logo
Unisonic Technologies
UT3222 UTC-UT3222 Datasheet
227Kb / 7P
3V TO 5.5V MULTICHANNEL RS-232 LINE TRANSCEIVERS WITH 짹15kV ESD PROTECTION
logo
Texas Instruments
MAX208 TI1-MAX208_14 Datasheet
777Kb / 16P
MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
TRS3232E TI-TRS3232E_V01 Datasheet
1Mb / 28P
TRS3232E 3-V to 5.5-V Multichannel RS-232 Line Driver and Receiver With 짹15-kV IEC ESD Protection
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com