Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS53203AR Datasheet (PDF) - Reed Semiconductor Corp.

RS53203AR Datasheet PDF - Reed Semiconductor Corp.
Part # RS53203AR
Download  RS53203AR Download
File Size   281.42 Kbytes
Page   5 Pages
Manufacturer  REED [Reed Semiconductor Corp.]
Direct Link  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.
Description 2.4V to 5.5V Input, small size 1A/2A/3A

RS53203AR Datasheet (PDF)

Go To PDF Page Download Datasheet
RS53203AR Datasheet PDF - Reed Semiconductor Corp.

Part # RS53203AR
Download  RS53203AR Click to download

File Size   281.42 Kbytes
Page   5 Pages
Manufacturer  REED [Reed Semiconductor Corp.]
Direct Link  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.
Description 2.4V to 5.5V Input, small size 1A/2A/3A

RS53203AR Datasheet (HTML) - Reed Semiconductor Corp.


RS53203AR Product details

Features
• Input voltage range VIN from 2.4 V to 5.5V
• Constant on time (COT) Control for fast
transient
• DCM mode operation
• 1% Vout accuracy
• Output current up to 3A
• Power good output
• 4MHz switching frequency
• Overcurrent and short circuit protection
• Low Rcson: 26 mΩ for both high side and low
side
• Output discharge function
• Small 1.2 x 0.8mm WLCSP package
Applications
• Optical modules
• Smart phones
• Wearable electronics
• Camera modules
• Industrial IoT (smart sensors) / NB-IoT
Description
The RS53203/04/05 are a family of small size, high
efficiency step-down converters optimized for high
density application. The device can operate at
switching frequency up to 4MHz to reduce the size
of external components.
The device employes PFM/PWM mode operation.
At PFM/PWM mode, the device transits between
PFM and PWM mode automatically to save power
at light load condition. At forced PWM mode, the
device operates at 4MHz switching frequency.
With 4 selectable output voltage options, the device
requires minimum number of external components
for output voltage setting.
The input voltage of RS53203/04/05 is from 2.4V to
5.5V. The output current is up to 3A.
RS53203/04/05 are available in a 0.8mm x 1.2 mm,
6-pin WLCSP package




Similar Part No. - RS53203AR

ManufacturerPart #DatasheetDescription
logo
Reed Semiconductor Corp...
RS53203AR REED-RS53203AR Datasheet
281Kb / 5P
2.4V to 5.5V Input, small size 1A/2A/3A Step-Down Converter
RS53203AR REED-RS53203AR Datasheet
281Kb / 5P
2.4Vto 5.5V Input, small size 1A/2A/3A
More results


Similar Description - RS53203AR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17515 MAXIM-MAX17515 Datasheet
2Mb / 15P
5A, 2.4V to 5.5V Input, High-Efficiency Power Module
Rev 0; 6/13
logo
Richtek Technology Corp...
RT8023GQW RICHTEK-RT8023GQW Datasheet
391Kb / 19P
Converter Input Voltage Range : 2.6V to 5.5V, LDO Input Voltage Range : 2.4V to 5.5V
logo
Intersil Corporation
ISL80112IRAJZ INTERSIL-ISL80112IRAJZ Datasheet
756Kb / 17P
Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
November 1, 2013
ISL80111IRAJZ INTERSIL-ISL80111IRAJZ Datasheet
761Kb / 17P
Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
November 1, 2013
logo
Golledge Electronics Lt...
GTXO-83 GOLLEDGE-GTXO-83_15 Datasheet
177Kb / 2P
2.4V - 5.5V SM TCXO Clipped Sine
logo
ams AG
AS1313 AMSCO-AS1313 Datasheet
568Kb / 26P
Wide input voltage range (2.4V to 5.5V)
logo
Renesas Technology Corp
ISL80111 RENESAS-ISL80111 Datasheet
972Kb / 16P
Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Diodes Incorporated
AP61200 DIODES-AP61200 Datasheet
1Mb / 21P
2.3V TO 5.5V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 3 - 2 September 2022
AP61300 DIODES-AP61300 Datasheet
1Mb / 21P
2.4V TO 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 3 - 2 November 2022
logo
Renesas Technology Corp
RAA808013 RENESAS-RAA808013 Datasheet
2Mb / 20P
2.7V to 5.5V Input, 3A Synchronous Buck Regulator
Aug 19, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com