Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7476PBF Datasheet (PDF) - International Rectifier

IRF7476PBF Datasheet PDF - International Rectifier
Part # IRF7476PBF
Download  IRF7476PBF Download
File Size   162.88 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET Power MOSFET ( VDSS = 12V , RDS(on) max = 8.0m廓@VGS = 4.5V , ID = 15A )

IRF7476PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7476PBF Datasheet PDF - International Rectifier

Part # IRF7476PBF
Download  IRF7476PBF Click to download

File Size   162.88 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET Power MOSFET ( VDSS = 12V , RDS(on) max = 8.0m廓@VGS = 4.5V , ID = 15A )

IRF7476PBF Datasheet (HTML) - International Rectifier


IRF7476PBF Product details

Benefits
● Ultra-Low Gate Impedance
● Very Low RDS(on)
● Fully Characterized Avalanche Voltage and Current

Applications
● High Frequency 3.3V and 5V input Point-of-Load
   Synchronous Buck Converters for
   Netcom and Computing Applications.
● Power Management for Netcom,
   Computing and Portable Applications.
● Lead-Free




Similar Part No. - IRF7476PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7476 IRF-IRF7476 Datasheet
111Kb / 8P
Power MOSFET(Vdss=12V, Id=15A)
logo
Guangdong Kexin Industr...
IRF7476 KEXIN-IRF7476 Datasheet
1Mb / 5P
N-Channel MOSFET
logo
Guangdong Youtai Semico...
IRF7476 UMW-IRF7476 Datasheet
372Kb / 8P
High Frequency 3.3V and 5V input Point-of-Load Synchronous Buck Converters for
logo
EVER SEMICONDUCTOR CO.,...
IRF7476 EVVOSEMI-IRF7476 Datasheet
336Kb / 8P
MOSFET
Rev:2023A2
logo
Guangdong Kexin Industr...
IRF7476-HF KEXIN-IRF7476-HF Datasheet
1Mb / 5P
N-Channel MOSFET
More results


Similar Description - IRF7476PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7455 IRF-IRF7455 Datasheet
167Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=0.0071ohm,Id=15A)
IRF7457 IRF-IRF7457 Datasheet
120Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=7.0mohm, Id=15A)
IRLR3714PBF IRF-IRLR3714PBF Datasheet
227Kb / 11P
HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20m廓 , ID = 36A )
IRF7457PBF IRF-IRF7457PBF Datasheet
177Kb / 8P
HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 7.0m廓 , ID = 15A )
IRFP22N50APBF IRF-IRFP22N50APBF Datasheet
191Kb / 8P
HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.23廓 , ID = 22A )
IRF7831PBF IRF-IRF7831PBF Datasheet
264Kb / 10P
HEXFET Power MOSFET ( VDSS = 30V , RDS(on)max = 3.6m廓@VGS = 10V , Qg(typ.) = 40nC )
IRFR420APBF IRF-IRFR420APBF Datasheet
225Kb / 10P
HEXFET Power MOSFET ( VDSS = 500V , RDS(on) max = 3.0廓 , ID = 3.3A )
IRFR12N25DPBF IRF-IRFR12N25DPBF Datasheet
230Kb / 11P
HEXFET Power MOSFET ( VDSS = 250V , RDS(on)max = 0.26廓 , ID = 14A )
IRFB31N20DPBF IRF-IRFB31N20DPBF Datasheet
295Kb / 12P
HEXFET Power MOSFET ( VDSS = 200V , RDS(on)max = 0.082廓 , ID = 31A )
IRFPS37N50APBF IRF-IRFPS37N50APBF Datasheet
147Kb / 9P
HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.13廓 , ID = 36A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com