Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1106304 Datasheet (PDF) - PHOENIX CONTACT

1106304 Datasheet PDF - PHOENIX CONTACT
Part # 1106304
Download  1106304 Download
File Size   376.42 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ES-FT-BPC-S 16-25 BK - Connector

1106304 Datasheet (PDF)

Go To PDF Page Download Datasheet
1106304 Datasheet PDF - PHOENIX CONTACT

Part # 1106304
Download  1106304 Click to download

File Size   376.42 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ES-FT-BPC-S 16-25 BK - Connector

1106304 Datasheet (HTML) - PHOENIX CONTACT


1106304 Product details

Connector, Range of articles: BPC, color: black, number of positions: 1, min. conductor cross
section: 16 mm2, max. conductor cross section: 25 mm2, rated voltage: 1500, rated current: 120
A, Connection method: Screw connection, Contact connection type: Pin




Similar Part No. - 1106304

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1106304 MACOM-1106304 Datasheet
5Mb / 85P
tyco electronics contents
More results


Similar Description - 1106304

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1457937 PHOENIX-1457937 Datasheet
57Kb / 2P
Nut - FT NUT M25 BK
logo
HARTING Technology Grou...
09-33-016-2716 HARTING-09-33-016-2716 Datasheet
468Kb / 2P
Han 16 ES-F insert
09-33-016-2616 HARTING-09-33-016-2616 Datasheet
470Kb / 2P
Han 16 ES-M insert
logo
PHOENIX CONTACT
1246285 PHOENIX-1246285 Datasheet
273Kb / 9P
Safety controller - BPC 9102S
Nov 3, 2022
logo
Molex Electronics Ltd.
2163011115 MOLEX-2163011115 Datasheet
83Kb / 1P
MX150 F-S 450MM 16 AWG LEADS BK Sn
2021/01/06
2163011213 MOLEX-2163011213 Datasheet
83Kb / 1P
MX150 F-S 225MM 16 AWG LEADS BK Au
2021/01/06
logo
PHOENIX CONTACT
1231071 PHOENIX-1231071 Datasheet
254Kb / 9P
ES-FT-C4M-CO1 - Device connector front mounting
1231076 PHOENIX-1231076 Datasheet
242Kb / 9P
ES-C4F-S-CO1 - Connector
1231072 PHOENIX-1231072 Datasheet
251Kb / 9P
ES-FT-C4F-CO2 - Device connector front mounting
1231075 PHOENIX-1231075 Datasheet
244Kb / 9P
ES-C4M-S-CO2 - Connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com