Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1106307 Datasheet (PDF) - PHOENIX CONTACT

1106307 Datasheet PDF - PHOENIX CONTACT
Part # 1106307
Download  1106307 Download
File Size   200.39 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ES-BPC-C 16-25 BK - Connector

1106307 Datasheet (PDF)

Go To PDF Page Download Datasheet
1106307 Datasheet PDF - PHOENIX CONTACT

Part # 1106307
Download  1106307 Click to download

File Size   200.39 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ES-BPC-C 16-25 BK - Connector

1106307 Datasheet (HTML) - PHOENIX CONTACT


1106307 Product details

Connector, Range of articles: BPC, color: black, number of positions: 1, min. conductor cross
section: 16 mm2, max. conductor cross section: 25 mm2, rated voltage: 1500, rated current: 120
A, Connection method: Crimp, Contact connection type: Socket, min. cable diameter: 7.2 mm,
max. cable diameter: 10.7 mm




Similar Part No. - 1106307

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1106307 MACOM-1106307 Datasheet
5Mb / 85P
tyco electronics contents
More results


Similar Description - 1106307

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59581 TI1-TLC59581 Datasheet
525Kb / 28P
48-Channel, 16-Bit ES-PWM LED Driver
logo
PHOENIX CONTACT
3240184 PHOENIX-3240184 Datasheet
50Kb / 4P
Europe connectors - EC 25 BK
logo
HARTING Technology Grou...
09-33-016-2716 HARTING-09-33-016-2716 Datasheet
468Kb / 2P
Han 16 ES-F insert
09-33-016-2626 HARTING-09-33-016-2626 Datasheet
484Kb / 3P
Han ES 16 POS. M INSERT CAGECLAMP
09-33-016-2616 HARTING-09-33-016-2616 Datasheet
470Kb / 2P
Han 16 ES-M insert
logo
PHOENIX CONTACT
1403836 PHOENIX-1403836 Datasheet
278Kb / 6P
Conductor connectors - QPD C 4PE2,5 2X9-16 BK
1246285 PHOENIX-1246285 Datasheet
273Kb / 9P
Safety controller - BPC 9102S
Nov 3, 2022
logo
Belden Inc.
9622 BELDEN-9622 Datasheet
193Kb / 2P
Electronic, 25 C #16 Str TC, PVC Ins, PVC Jkt
01-20-2023
logo
PHOENIX CONTACT
1231073 PHOENIX-1231073 Datasheet
234Kb / 8P
ES-C1M-C-CO2 - Connector
1231074 PHOENIX-1231074 Datasheet
233Kb / 8P
ES-C1F-C-CO1 - Connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com