Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1176276 Datasheet (PDF) - PHOENIX CONTACT

1176276 Datasheet PDF - PHOENIX CONTACT
Part # 1176276
Download  1176276 Download
File Size   200.92 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ES-BPC-C 35 OG - Connector

1176276 Datasheet (PDF)

Go To PDF Page Download Datasheet
1176276 Datasheet PDF - PHOENIX CONTACT

Part # 1176276
Download  1176276 Click to download

File Size   200.92 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ES-BPC-C 35 OG - Connector

1176276 Datasheet (HTML) - PHOENIX CONTACT


1176276 Product details

Connector, Range of articles: BPC, color: orange, number of positions: 1, min. conductor cross
section: 35 mm2, max. conductor cross section: 35 mm2, rated voltage: 1500, rated current: 160
A, Connection method: Crimp, Contact connection type: Socket, min. cable diameter: 9.7 mm,
max. cable diameter: 12.3 mm




Similar Part No. - 1176276

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1176270 PHOENIX-1176270 Datasheet
200Kb / 7P
ES-BPC-C 35 BK - Connector
More results


Similar Description - 1176276

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3004508 PHOENIX-3004508 Datasheet
102Kb / 7P
Molded transformer terminal block - VTRK 4-SI/C OG
3073199 PHOENIX-3073199 Datasheet
125Kb / 12P
Mini feed-through terminal block - MSBV 2,5-NS 35 OG
3073212 PHOENIX-3073212 Datasheet
125Kb / 12P
Mini feed-through terminal block - MSDBV 2,5-NS 35 OG
3244135 PHOENIX-3244135 Datasheet
134Kb / 12P
Mini feed-through terminal block - MSB 2,5-NS 35 OG
2404777 PHOENIX-2404777 Datasheet
80Kb / 6P
Industrial PC - BL2 BPC 1000
1130682 PHOENIX-1130682 Datasheet
668Kb / 6P
Industrial PC - BL2 BPC 1501S
1246285 PHOENIX-1246285 Datasheet
273Kb / 9P
Safety controller - BPC 9102S
Nov 3, 2022
1231073 PHOENIX-1231073 Datasheet
234Kb / 8P
ES-C1M-C-CO2 - Connector
1231074 PHOENIX-1231074 Datasheet
233Kb / 8P
ES-C1F-C-CO1 - Connector
1231075 PHOENIX-1231075 Datasheet
244Kb / 9P
ES-C4M-S-CO2 - Connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com