Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAPDCT0032 Datasheet (PDF) - Tyco Electronics

MAPDCT0032 Datasheet PDF - Tyco Electronics
Part # MAPDCT0032
Download  MAPDCT0032 Download
File Size   149.21 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 3 Way 0 Degree Power Divider 5 to 1200 MHz

MAPDCT0032 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAPDCT0032 Datasheet PDF - Tyco Electronics

Part # MAPDCT0032
Download  MAPDCT0032 Click to download

File Size   149.21 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 3 Way 0 Degree Power Divider 5 to 1200 MHz

MAPDCT0032 Datasheet (HTML) - Tyco Electronics


MAPDCT0032 Product details

Description

M/A-COM’s MAPDCT0032 is a 3 way 0 degree Power Divider in a low cost, surface mount package. Ideally suited for high volume CATV/Broadband applications. No external components are required with this product.



Features

• Surface mount

• 3 Way 0 Degree

• RoHS Compliant and is 260ºC reflow compatible

• RoHS version of MAPDCT0005 & MAPDCT0017

• Available on tape and reel, reel quantity 500



 




Similar Part No. - MAPDCT0032

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCT0032 MA-COM-MAPDCT0032 Datasheet
135Kb / 3P
3 Way 0 Degree Power Divider 5 to 1200 MHz
MAPDCT0032 MA-COM-MAPDCT0032 Datasheet
165Kb / 4P
3 Way 0 Degree Power Divider
MAPDCT0032-V4 MA-COM-MAPDCT0032-V4 Datasheet
165Kb / 4P
3 Way 0 Degree Power Divider
MAPDCT0032 MA-COM-MAPDCT0032_15 Datasheet
165Kb / 4P
3 Way 0 Degree Power Divider
More results


Similar Description - MAPDCT0032

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ESSM-3-1-75 MACOM-ESSM-3-1-75 Datasheet
400Kb / 1P
E-Series 3-Way 0 Power Divider 5 - 120 MHz
ESSM-3-1W MACOM-ESSM-3-1W Datasheet
34Kb / 1P
E-Series 3-Way 0 Power Divider 5 - 500 MHz
logo
M/A-COM Technology Solu...
MAPDCT0032 MA-COM-MAPDCT0032 Datasheet
135Kb / 3P
3 Way 0 Degree Power Divider 5 to 1200 MHz
MAPD-010362-C20FA0 MA-COM-MAPD-010362-C20FA0 Datasheet
470Kb / 4P
Power divider, 2 way, 0 degree
MAPDCT0032-V4 MA-COM-MAPDCT0032-V4 Datasheet
165Kb / 4P
3 Way 0 Degree Power Divider
MAPD-010362-C20FA0 MA-COM-MAPD-010362-C20FA0 Datasheet
470Kb / 4P
Power divider, 2 way, 0 degree
MAPD-011003 MA-COM-MAPD-011003 Datasheet
960Kb / 4P
3 Way 0? Power Divider
MAPDCT0017 MA-COM-MAPDCT0017_15 Datasheet
169Kb / 4P
3 way 0 Degree Power Divider
MAPDCT0032 MA-COM-MAPDCT0032_15 Datasheet
165Kb / 4P
3 Way 0 Degree Power Divider
MAPD-010362-C20FA0 MA-COM-MAPD-010362-C20FA0_15 Datasheet
470Kb / 4P
Power divider, 2 way, 0 degree
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com