Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9423 Datasheet (PDF) - Maxim Integrated Products

MAX9423 Datasheet PDF - Maxim Integrated Products
Part # MAX9423
Download  MAX9423 Download
File Size   352.53 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Quad Differential LVECL-to-LVPECL Translators

MAX9423 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9423 Datasheet PDF - Maxim Integrated Products

Part # MAX9423
Download  MAX9423 Click to download

File Size   352.53 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Quad Differential LVECL-to-LVPECL Translators

MAX9423 Datasheet (HTML) - Maxim Integrated Products


MAX9423 Product details

General Description

The MAX9420–MAX9423 are extremely fast, low-skew quad LVECL-to-LVPECL translators designed for high speed signal and clock driver applications. The devices feature ultra-low propagation delay of 336ps and channel-to-channel skew of 17ps.

The four channels can be operated synchronously with an external clock, or in asynchronous mode, determined by the state of the SEL input. An enable input provides the ability to force all the outputs to a differen tial low state.



Features

♦ >500mV Differential Output at 3.0GHz Clock

♦ 336ps (typ) Propagation Delay in Asynchronous Mode

♦ 17ps (typ) Channel-to-Channel Skew

♦ Integrated 50Ω Outputs (MAX9421/MAX9423)

♦ Integrated 100Ω Inputs (MAX9422/MAX9423)

♦ Synchronous/Asynchronous Operation



Applications

  Data and Clock Driver and Buffer

  Central Office Backplane Clock Distribution

  DSLAM Backplane

  Base Station

  ATE



 




Similar Part No. - MAX9423

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX942 MAXIM-MAX942 Datasheet
165Kb / 12P
High-Speed, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 6/97
MAX942 MAXIM-MAX942 Datasheet
266Kb / 14P
High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 8; 11/08
MAX942 MAXIM-MAX942 Datasheet
893Kb / 14P
High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 9; 3/09
MAX9424 MAXIM-MAX9424 Datasheet
353Kb / 11P
Lowest Jitter Quad PECL-to-ECL Differential Translators
Rev 0; 4/02
MAX9424EGJ MAXIM-MAX9424EGJ Datasheet
353Kb / 11P
Lowest Jitter Quad PECL-to-ECL Differential Translators
Rev 0; 4/02
More results


Similar Description - MAX9423

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9321 MAXIM-MAX9321 Datasheet
178Kb / 9P
Differential LVPECL/LVECL/HSTL Receiver/Drivers
19-2152; Rev 2; 11/02
MAX9321B MAXIM-MAX9321B Datasheet
107Kb / 7P
Differential PECL/ECL/LVPECL/LVECL Receiver/Driver
19-2384; Rev 0; 4/02
MAX9360 MAXIM-MAX9360 Datasheet
159Kb / 9P
LVTTL/TTL/CMOS-to-Differential LVECL/ ECL Translators
Rev 1; 7/02
MAX9370 MAXIM-MAX9370 Datasheet
218Kb / 9P
LVTTL/TTL-to-Differential LVPECL/PECL Translators
Rev 0; 4/02
MAX9374 MAXIM-MAX9374 Datasheet
167Kb / 9P
Differential LVPECL-to-LVDS Translators
19-2326; Rev 0; 1/02
MAX9380 MAXIM-MAX9380 Datasheet
166Kb / 8P
Single-Ended-to-Differential LVECL/LVPECL 2:1 Multiplexer
Rev 0; 10/01
MAX9424 MAXIM-MAX9424 Datasheet
353Kb / 11P
Lowest Jitter Quad PECL-to-ECL Differential Translators
Rev 0; 4/02
MAX9360 MAXIM-MAX9360_08 Datasheet
100Kb / 8P
LVTTL/TTL/CMOS-to-Differential LVECL/ECL Translators
Rev 2; 12/08
MAX9400 MAXIM-MAX9400 Datasheet
252Kb / 13P
Quad Differential LVECL/LVPECL Buffer/Receivers
Rev 1; 1/02
MAX1217EVKIT MAXIM-MAX1217EVKIT Datasheet
982Kb / 21P
On-Board LVDS/LVPECL Differential Level Translators
Rev 0; 3/06
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com