Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFS13-12 Datasheet (PDF) - AG Electronica

EFS13-12 Datasheet PDF - AG Electronica
Part # EFS13-12
Download  EFS13-12 Download
File Size   324.77 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description CONECTOR HEADER 6X2 HEMBRA SMD 1.27mm

EFS13-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
EFS13-12 Datasheet PDF - AG Electronica

Part # EFS13-12
Download  EFS13-12 Click to download

File Size   324.77 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description CONECTOR HEADER 6X2 HEMBRA SMD 1.27mm

EFS13-12 Datasheet (HTML) - AG Electronica


EFS13-12 Product details

Descripción
Conector tipo header hembra 6x2 vertical 1.27mm de montaje superficial.




Similar Part No. - EFS13-12

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EFS10-120X120T0800 KEMET-EFS10-120X120T0800 Datasheet
53Kb / 1P
KEMET, EFS, Flex Suppressors, Noise Suppression
EFS10-240X240 KEMET-EFS10-240X240 Datasheet
53Kb / 1P
KEMET, EFS, Flex Suppressors, Noise Suppression
EFS10-240X240T0800 KEMET-EFS10-240X240T0800 Datasheet
53Kb / 1P
KEMET, EFS, Flex Suppressors, Noise Suppression
EFS10-240X80T0800 KEMET-EFS10-240X80T0800 Datasheet
53Kb / 1P
KEMET, EFS, Flex Suppressors, Noise Suppression
EFS10-80X80T0800 KEMET-EFS10-80X80T0800 Datasheet
53Kb / 1P
KEMET, EFS, Flex Suppressors, Noise Suppression
More results


Similar Description - EFS13-12

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B28 DBLECTRO-B28 Datasheet
265Kb / 1P
FEMALE HEADER (1.27mm X 1.27mm)
logo
Dubilier
DBCIDCC7S30BGA1 DUBILIER-DBCIDCC7S30BGA1 Datasheet
84Kb / 1P
IDC BOX HEADER SMT 1.27mm
logo
Yamaichi Electronics Co...
NFP-10G-0100BF YAMAICHI-NFP-10G-0100BF Datasheet
46Kb / 1P
IDC Transition Header (1.27mm Pitch)
logo
SUYIN USA, INC.
127048MA006GX00ZO SUYIN-USA-127048MA006GX00ZO Datasheet
62Kb / 1P
1.27mm PITCH PIN HEADER
127183MA020G210ZR SUYIN-USA-127183MA020G210ZR Datasheet
109Kb / 1P
1.27mm 1.27mm BOX HEADER SMD TYPE
logo
Amphenol Corporation
0441041000202 AMPHENOL-0441041000202 Datasheet
209Kb / 1P
RECEPTACLE CONECTOR MINIATURE 1 THRU 6 CONTACT
logo
Japan Aviation Electron...
FB10S033JA2R6000 JAE-FB10S033JA2R6000 Datasheet
369Kb / 1P
FB10S0 JAE 0.3mm PITCH FPC CONECTOR
logo
Glenair, Inc.
240-838A GLENAIR-240-838A Datasheet
100Kb / 2P
Conector Adapter
logo
Wurth Elektronik GmbH &...
6220XX21121 WURTH-6220XX21121 Datasheet
275Kb / 1P
1.27MM DUAL PIN HEADER
logo
HARTING Technology Grou...
09-03-264-6855 HARTING-09-03-264-6855 Datasheet
724Kb / 4P
CONECTOR DIN 64 FEMEA 2,9C1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com