Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EIS-2PH Datasheet (PDF) - AG Electronica

EIS-2PH Datasheet PDF - AG Electronica
Part # EIS-2PH
Download  EIS-2PH Download
File Size   230.13 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description POSTE HORIZONTAL 2 POSICIONES

EIS-2PH Datasheet (PDF)

Go To PDF Page Download Datasheet
EIS-2PH Datasheet PDF - AG Electronica

Part # EIS-2PH
Download  EIS-2PH Click to download

File Size   230.13 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description POSTE HORIZONTAL 2 POSICIONES

EIS-2PH Datasheet (HTML) - AG Electronica


EIS-2PH Product details

Descripción
Poste horizontal paso 2.54mm [0.100”]




Similar Part No. - EIS-2PH

ManufacturerPart #DatasheetDescription
logo
AG Electronica
EIS-2PR AGELECTRONICA-EIS-2PR Datasheet
53Kb / 1P
Caja receptora paso 2.54mm [.100”].
22/JUL/08
EIS-2PR AGELECTRONICA-EIS-2PR Datasheet
350Kb / 2P
CONECTOR TIPO MOLEX HEMBRA 2 POSICIONES
14/01/2020
EIS-2PV AGELECTRONICA-EIS-2PV Datasheet
497Kb / 2P
CONECTOR TIPO MOLEX MACHO VERTICAL 2 POSICIONES
14/01/2020
More results


Similar Description - EIS-2PH

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-611.8P RECOM-R-611.8P_07 Datasheet
93Kb / 4P
1-2 AMP SIP12 Vertical & Horizontal
R-723.3P RECOM-R-723.3P_07 Datasheet
102Kb / 5P
2, 3, 4 AMP SIP12 Vertical & Horizontal
logo
Hammond Manufacturing L...
S2CKS HAMMOND-S2CKS Datasheet
73Kb / 1P
Tablette pour clavier de poste terminal
logo
Molex Electronics Ltd.
39421-0002 MOLEX11-39421-0002 Datasheet
39Kb / 1P
12.00mm Pitch Beau EuroMax Horizontal Plug, 2 Circuits
39500-0002 MOLEX11-39500-0002 Datasheet
40Kb / 1P
3.50mm Pitch Eurostyle Horizontal Plug, 2 Circuits
39510-0002 MOLEX11-39510-0002 Datasheet
43Kb / 1P
3.81mm Pitch Eurostyle Horizontal Plug, 2 Circuits
39530-0002 MOLEX11-39530-0002 Datasheet
40Kb / 1P
5.08mm Pitch Eurostyle Horizontal Plug, 2 Circuits
logo
Recom International Pow...
R-611.8P RECOM-R-611.8P_16 Datasheet
91Kb / 4P
1-2 AMP SIP12 Vertical & Horizontal
R-723.3P RECOM-R-723.3P_16 Datasheet
113Kb / 5P
2, 3, 4 AMP SIP12 Vertical & Horizontal
logo
Schneider Electric
UHT2R1421C SCHNEIDER-UHT2R1421C Datasheet
150Kb / 2P
HORIZONTAL METER RINGLESS 100A 2 POS.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com