Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD6V3H1U2LP16 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPD6V3H1U2LP16 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPD6V3H1U2LP16
Download  TPD6V3H1U2LP16 Download
File Size   1989.97 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-Line Uni-directional ESD DIODE

TPD6V3H1U2LP16 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD6V3H1U2LP16 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPD6V3H1U2LP16
Download  TPD6V3H1U2LP16 Click to download

File Size   1989.97 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-Line Uni-directional ESD DIODE

TPD6V3H1U2LP16 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPD6V3H1U2LP16 Product details

Features
o Low operating voltage: 5V
« 2000W peak pulse power (8/20us)
Ultra low leakage: nA level
« Low clamping voltage
o —IEC 61000-4-2 (ESD) immunity test
Air discharge: +30kV
Contact discharge: +30kV
—IEC61000-4-4 (EFT) 40A (5/50ns)
—IEC61000-4-5 (Lightning) 100A (8/20ps)
o 2-pin leadless package
These are Pb-Free Devices
« Response Time is Typically < 1 ns




Similar Part No. - TPD6V3H1U2LP16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TPD6V8LP DIODES-TPD6V8LP Datasheet
73Kb / 3P
SURFACE MOUNT ZENER DIODE
DS30914 Rev. 2 - 2
TPD6V8LP DIODES-TPD6V8LP Datasheet
117Kb / 3P
85W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30914 Rev. 6 - 2
TPD6V8LP-7 DIODES-TPD6V8LP-7 Datasheet
73Kb / 3P
SURFACE MOUNT ZENER DIODE
DS30914 Rev. 2 - 2
TPD6V8LP-7 DIODES-TPD6V8LP-7 Datasheet
117Kb / 3P
85W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30914 Rev. 6 - 2
TPD6V8LP DIODES-TPD6V8LP_08 Datasheet
117Kb / 3P
85W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30914 Rev. 6 - 2
More results


Similar Description - TPD6V3H1U2LP16

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LTVS16H12T5G LRC-LTVS16H12T5G Datasheet
138Kb / 4P
1- Line Uni- directional TVS Diode
logo
Applied Power Microelec...
AU0371P6 APMICRO-AU0371P6 Datasheet
1,011Kb / 7P
1-Line Uni-directional TVS Diode
AU0771D3 APMICRO-AU0771D3 Datasheet
767Kb / 4P
1-Line Uni-directional TVS Diode
AU1501P1 APMICRO-AU1501P1 Datasheet
796Kb / 4P
1-Line Uni-directional TVS Diode
AU2401P1 APMICRO-AU2401P1 Datasheet
737Kb / 4P
1-Line Uni-directional TVS Diode
AU2471P1 APMICRO-AU2471P1 Datasheet
612Kb / 4P
1-Line Uni-directional TVS Diode
AU3601P1 APMICRO-AU3601P1 Datasheet
404Kb / 4P
1-Line Uni-directional TVS Diode
logo
Shanghai Leiditech Elec...
SD0371P6W LEIDITECH-SD0371P6W Datasheet
3Mb / 6P
1-Line Uni-directional TVS Diode
logo
TECH PUBLIC Electronics...
PESD8351HT1G TECHPUBLIC-PESD8351HT1G Datasheet
1,018Kb / 4P
Low Capactionce 1-Line Uni-directional ESD Diode
TPESD5V0U1UA TECHPUBLIC-TPESD5V0U1UA Datasheet
1,011Kb / 4P
Low Capactionce 1-Line Uni-directional ESD Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com