Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CONECTOR-USBTIPOA-SMD Datasheet (PDF) - AG Electronica

CONECTOR-USBTIPOA-SMD Datasheet PDF - AG Electronica
Part # CONECTOR-USBTIPOA-SMD
Download  CONECTOR-USBTIPOA-SMD Download
File Size   739.18 Kbytes
Page   1 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description CONECTOR USB TIPO A SMD MACHO

CONECTOR-USBTIPOA-SMD Datasheet (PDF)

Go To PDF Page Download Datasheet
CONECTOR-USBTIPOA-SMD Datasheet PDF - AG Electronica

Part # CONECTOR-USBTIPOA-SMD
Download  CONECTOR-USBTIPOA-SMD Click to download

File Size   739.18 Kbytes
Page   1 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description CONECTOR USB TIPO A SMD MACHO

CONECTOR-USBTIPOA-SMD Datasheet (HTML) - AG Electronica


CONECTOR-USBTIPOA-SMD Product details

Descripción:
Conector USB Macho tipo A de montaje superficial, ideal para montar en cualquier PCB.




Similar Part No. - CONECTOR-USBTIPOA-SMD

ManufacturerPart #DatasheetDescription
logo
AG Electronica
CONECTOR-USBTIPOB-SMD AGELECTRONICA-CONECTOR-USBTIPOB-SMD Datasheet
367Kb / 1P
CONECTOR USB HEMBRA TIPO B SMD
08/10/2015
More results


Similar Description - CONECTOR-USBTIPOA-SMD

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
2577A-04G5T SUYIN-USA-2577A-04G5T Datasheet
72Kb / 1P
USB CONNECTOR R/A SMD TYPE
020131MB SUYIN-USA-020131MB Datasheet
131Kb / 1P
USB A TYPE R/A SMD TYPE (REVERSED TYPE)
CBL30017-1500 SUYIN-USA-CBL30017-1500 Datasheet
173Kb / 1P
MINI USB 5P USB A
CBL30080-1500 SUYIN-USA-CBL30080-1500 Datasheet
76Kb / 1P
USB A CORE MINI USB
logo
Qualtek Electronics Cor...
3023013-02M QUALTEK-3023013-02M Datasheet
633Kb / 1P
USB 3.0 A/M - USB 3.0 A/M
logo
Assmann Electronics Inc...
A-USB-3-R ASSMANN-A-USB-3-R Datasheet
86Kb / 1P
USB B - USB A ADAPTER
logo
Amphenol Corporation
0441041000202 AMPHENOL-0441041000202 Datasheet
209Kb / 1P
RECEPTACLE CONECTOR MINIATURE 1 THRU 6 CONTACT
logo
Japan Aviation Electron...
FB10S033JA2R6000 JAE-FB10S033JA2R6000 Datasheet
369Kb / 1P
FB10S0 JAE 0.3mm PITCH FPC CONECTOR
logo
Glenair, Inc.
240-838A GLENAIR-240-838A Datasheet
100Kb / 2P
Conector Adapter
logo
HARTING Technology Grou...
09-03-264-6855 HARTING-09-03-264-6855 Datasheet
724Kb / 4P
CONECTOR DIN 64 FEMEA 2,9C1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com