Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S17S0FS742 Datasheet (PDF) - Ashcroft, Inc.

S17S0FS742 Datasheet PDF - Ashcroft, Inc.
Part # S17S0FS742
Download  S17S0FS742 Download
File Size   1325.84 Kbytes
Page   8 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description S1 Pressure Transducer

S17S0FS742 Datasheet (PDF)

Go To PDF Page Download Datasheet
S17S0FS742 Datasheet PDF - Ashcroft, Inc.

Part # S17S0FS742
Download  S17S0FS742 Click to download

File Size   1325.84 Kbytes
Page   8 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description S1 Pressure Transducer

S17S0FS742 Datasheet (HTML) - Ashcroft, Inc.


S17S0FS742 Product details

FEATURES
Compact and highly configurable; wide selection of pressure connections, electrical terminations and outputs
Designed for mid-high volume OEM applications
Stainless steel sensing element
Field proven polysilicon thin film pressure sensor
Pressure ranges from VAC to 10,000 psi




Similar Part No. - S17S0FS742

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
S17-50-C PANDUIT-S17-50-C Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
S17-50-C0 PANDUIT-S17-50-C0 Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
logo
Seiko Instruments Inc
S1701 SII-S1701 Datasheet
935Kb / 71P
HIGH RIPPLE-REJECTION LOW DROPOUT
S1702 SII-S1702 Datasheet
609Kb / 45P
SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH
logo
Faraday Technology
S17020G FARADAY-S17020G Datasheet
77Kb / 2P
GENERAL PURPOSE LP FILTER
More results


Similar Description - S17S0FS742

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8534A ETC2-8534A Datasheet
85Kb / 2P
Piezoresistive Pressure Transducer
logo
Honeywell Solid State E...
142PC05D97 HONEYWELL-142PC05D97 Datasheet
60Kb / 1P
PRESSURE TRANSDUCER
ML01KPS2PG HONEYWELL-ML01KPS2PG Datasheet
205Kb / 2P
OEM PRESSURE TRANSDUCER
logo
Copal Electronics
PA-960 COPAL-PA-960 Datasheet
188Kb / 4P
PRESSURE TRANSDUCER
logo
TE Connectivity Ltd
MSP340 TEC-MSP340 Datasheet
194Kb / 6P
Pressure Transducer
U5200 TEC-U5200 Datasheet
172Kb / 8P
Industrial Pressure Transducer
M3200 TEC-M3200 Datasheet
389Kb / 10P
Pressure Transducer
M3200 TEC-M3200_V01 Datasheet
1Mb / 18P
Pressure Transducer
M3200 TEC-M3200_V02 Datasheet
392Kb / 10P
Pressure Transducer
logo
Sensata Technologies, I...
P4055 SENSATA-P4055 Datasheet
402Kb / 5P
Pressure Transducer
2/7/18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com